Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SCD
Description  High dV/dt Direct Mount IGBT Snubber
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SCD Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SCD Datasheet HTML 1Page - Cornell Dubilier Electronics SCD Datasheet HTML 2Page - Cornell Dubilier Electronics SCD Datasheet HTML 3Page - Cornell Dubilier Electronics SCD Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Ratings
Note: Modify Catalog Part Number to specify lead spacing. Example: 44mm spacing would use –44 instead of Z25. Other capacitance values and lead orientations are
available. Contact us.
Irms
Catalog
Volts
100 kHz
Part Number
Cap.
Volts
60 Hz
dV/dt
Ipk
ESR
55 ºC
W
L
H
(µF)
(Vdc )
(Vac)
(V/µs)
(A)
(mΩ)
(Arms)
(mm)
(mm)
(mm)
600 Vdc
SCD474K601A3Z25-F
0.47
600
275
250
118
9
9.2
24.6
47.0
24.1
SCD684K601A3Z25-F
0.68
600
275
250
170
7
11.5
29.0
47.0
26.7
SCD105K601A3Z25-F
1.00
600
275
200
200
5
14.0
29.0
47.0
26.7
SCD155K601A3Z25-F
1.50
600
275
150
225
4
17.1
29.0
47.0
26.7
SCD205K601A3Z25-F
2.00
600
275
150
300
3
20.7
32.3
45.1
35.6
SCD335K601A3Z25-F
3.30
600
400
300
825
5
35.0
38.1
52.1
38.1
SCD475K601A3Z25-F
4.70
600
400
250
1175
4
46.2
46.4
56.5
50.2
1000 Vdc
SCD474K102A3Z25-F
0.47
1000
275
250
118
11
9.2
24.6
47.0
24.1
SCD474K102D3Z25-F
0.47
1000
500
700
329
8
12.1
29.0
47.0
26.7
SCD684K102A3Z25-F
0.68
1000
275
200
136
7
11.5
29.0
47.0
26.7
SCD684K102D3Z25-F
0.68
1000
500
500
340
7
14.4
29.0
47.0
26.7
SCD105K102A3Z25-F
1.00
1000
275
200
200
4
14.0
29.0
47.0
26.7
SCD105K102D3Z25-F
1.00
1000
500
400
400
5
17.5
29.0
47.0
26.7
SCD155K102A3Z25-F
1.50
1000
275
160
240
4
17.9
32.3
45.1
35.6
SCD155K102D3Z25-F
1.50
1000
500
400
600
3
22.4
34.8
45.1
35.6
SCD205K102A3Z25-F
2.00
1000
275
160
320
4
20.9
34.8
45.1
35.6
SCD205K102D3Z25-F
2.00
1000
500
400
800
5
26.2
38.1
52.1
38.1
1200 Vdc
SCD224K122A3Z25-F
0.22
1200
500
650
143
19
7.9
24.6
47.0
24.1
SCD334K122A3Z25-F
0.33
1200
500
650
215
13
10.0
29.0
47.0
26.7
SCD474K122A3Z25-F
0.47
1200
500
500
235
10
12.0
29.0
47.0
26.7
SCD684K122A3Z25-F
0.68
1200
500
500
340
7
15.1
32.3
45.1
35.6
SCD105K122A3Z25-F
1.00
1200
500
500
500
5
18.5
34.8
45.1
35.6
SCD155K122A3Z25-F
1.50
1200
500
400
600
4
23.9
38.1
52.1
38.1
SCD205K122A3Z25-F
2.00
1200
500
400
800
4
30.1
46.4
56.5
50.2
SCD305K122C3Z25-F
3.00
1200
500
400
1200
5
39.7
76.2
62.9
38.1
1600 Vdc
SCD224K162A3Z25-F
0.22
1600
500
650
143
19
7.9
24.6
47.0
24.1
SCD334K162A3Z25-F
0.33
1600
500
650
215
12
10.0
29.0
47.0
26.7
SCD474K162A3Z25-F
0.47
1600
500
650
306
10
12.6
32.3
45.1
35.6
SCD684K162A3Z25-F
0.68
1600
500
650
442
7
15.3
34.8
45.1
35.6
SCD105K162A3Z25-F
1.00
1600
500
500
500
6
19.5
38.1
52.1
38.1
SCD155K162A3Z25-F
1.50
1600
500
400
600
5
25.6
41.9
68.6
38.1
SCD205K162A3Z25-F
2.00
1600
500
400
800
5
30.6
44.5
66.7
46.4
2000 Vdc
SCD224K202A3Z25-F
0.22
2000
500
800
176
19
8.2
24.6
47.0
24.1
SCD334K202A3Z25-F
0.33
2000
500
800
264
13
10.5
32.3
45.1
35.6
SCD474K202A3Z25-F
0.47
2000
500
600
282
10
13.0
34.3
55.9
30.5
SCD684K202A3Z25-F
0.68
2000
500
600
408
8
16.1
38.1
52.1
38.1
SCD105K202A3Z25-F
1.00
2000
500
600
600
6
21.3
46.4
56.5
50.2
Type SCD IGBT Snubber Capacitor Modules
High dV/dt Direct Mount IGBT Snubber
Note: Other ratings, sizes and performance specification available upon request. Contact us.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com