Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA533WF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA533WF
Description  Multipower BCD technology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA533WF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA533WF Datasheet HTML 7Page - STMicroelectronics STA533WF Datasheet HTML 8Page - STMicroelectronics STA533WF Datasheet HTML 9Page - STMicroelectronics STA533WF Datasheet HTML 10Page - STMicroelectronics STA533WF Datasheet HTML 11Page - STMicroelectronics STA533WF Datasheet HTML 12Page - STMicroelectronics STA533WF Datasheet HTML 13Page - STMicroelectronics STA533WF Datasheet HTML 14Page - STMicroelectronics STA533WF Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STA533WF
Heatsink requirements
Doc ID 17658 Rev 2
11/15
4
Heatsink requirements
Using the STA533WF mounted on a double-layer PCB having 2 copper ground areas of
3x3cm2 and with 16 via holes the junction to ambient thermal resistance is approximately
24 °C/W in natural air convection.
Figure 8.
Double-layer PCB with copper ground areas and 16 via holes
With the dissipated power within the device depending primarily on the supply voltage, the
load impedance and the output modulation level, the maximum estimated dissipated power,
Pdmax, for the STA533WF is:
4 W for 2 x 20 W into 8
Ω at 18 V
< 5 W for 2 x 10 W into 8
Ω + 1 x 20 W into 4 Ω at 18 V.
The figure below shows the power derating curve for the PowerSSO36 EPD package on
PCBs with copper areas of 2 x 2 cm2 and 3 x 3 cm2.
Figure 9.
Power derating curves for PCB used as heatsink
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
TDA7491P
PSSO36
Copper Area 3x3 cm
and via holes
STA533WF
PowerSSO36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com