Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA533WF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA533WF
Description  Multipower BCD technology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA533WF Datasheet(HTML) 5 Page - STMicroelectronics

  STA533WF Datasheet HTML 1Page - STMicroelectronics STA533WF Datasheet HTML 2Page - STMicroelectronics STA533WF Datasheet HTML 3Page - STMicroelectronics STA533WF Datasheet HTML 4Page - STMicroelectronics STA533WF Datasheet HTML 5Page - STMicroelectronics STA533WF Datasheet HTML 6Page - STMicroelectronics STA533WF Datasheet HTML 7Page - STMicroelectronics STA533WF Datasheet HTML 8Page - STMicroelectronics STA533WF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STA533WF
Electrical characteristics
Doc ID 17658 Rev 2
5/15
Dt_d
High current dead time
(dynamic)
L = 22
μH, C = 470 nF
RL = 8 Ω, Idd = 2.0 A
see Figure 3
-
1020ns
td_ON
Turn-on delay time
Resistive load
-
40
60
ns
td OFF
Turn-off delay time
Resistive load
-
40
60
ns
tr
Rise time
Resistive load
see Figure 2
-
8
10
ns
tf
Fall time
Resistive load
see Figure 2
-
8
10
ns
VIN-Low
Half-bridge input, low-level
voltage
-
-
-
VL / 2 -
300 mV
V
VIN-High
Half-bridge input, high-level
voltage
-
VL / 2 +
300 mV
-
-
V
IIN-H
High-level input current
VIN = VL
-1
-
μA
IIN-L
Low-level input current
VIN = 0.3 V
-
1
-
μA
IPWRDN-H
High level PWRDN pin input
current
VL = 3.3 V
-
35
-
μA
VLow
Low logical state voltage
(pins PWRDN, TRISTATE)
VL = 3.3 V
--0.8
V
VHigh
High logical state voltage
(pins PWRDN, TRISTATE)
VL = 3.3 V
1.7
-
-
V
IVCC-
PWRDN
Supply current from VCC in
power down mode
VPWRDN = 0 V
--10
µA
IFAULT
Output current on pins
FAULT, THWARN with fault
condition
Vpin = 3.3 V
-1
-mA
IVCC-HiZ
Supply current from VCC in
3-state
VTRISTATE = 0 V
-
22
-
mA
IVCC
Supply current from VCC in
operation (both channels
switching)
Input pulse width
= 50% duty,
switching frequency
= 384 kHz,
no LC filters
-50
-
mA
IOCP
Overcurrent protection
threshold (short-circuit current
limit)
-3.0
4.0
-
A
VUVP
Undervoltage protection
threshold
--
3.5
4.3
V
tpw_min
Output minimum pulse width
No load
70
-
150
ns
Table 6.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com