Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA533WF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA533WF
Description  Multipower BCD technology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA533WF Datasheet(HTML) 4 Page - STMicroelectronics

  STA533WF Datasheet HTML 1Page - STMicroelectronics STA533WF Datasheet HTML 2Page - STMicroelectronics STA533WF Datasheet HTML 3Page - STMicroelectronics STA533WF Datasheet HTML 4Page - STMicroelectronics STA533WF Datasheet HTML 5Page - STMicroelectronics STA533WF Datasheet HTML 6Page - STMicroelectronics STA533WF Datasheet HTML 7Page - STMicroelectronics STA533WF Datasheet HTML 8Page - STMicroelectronics STA533WF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STA533WF
4/15
Doc ID 17658 Rev 2
2
Electrical characteristics
Unless otherwise stated, the test conditions for Table 6 below are VL = 3.3 V, VCC = 18 V,
RL =8 Ω, fSW = 384 kHz and Tamb = 25 °C.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage (Pins 4, 7, 12, 15)
23
V
VLmax
Voltage on pin 23
4.0
V
Vinputs
Voltage on pins 25, 26, 29 to 32
-0.3 to VL + 0.3
V
Vconfig
Voltage on pins 24
-0.3 to VDD + 0.3
V
Tstg, Tj
Storage and junction temperature
-40 to 150
°C
Table 4.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
DC supply voltage (Pins 4, 7, 12, 15)
5.0
-
18
V
VL
Input logic reference
2.7
3.3
3.6
V
Tamb
Ambient temperature
0
-
70
°C
Table 5.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Tj-case
Thermal resistance junction to case (thermal pad)
-
-
1.5
°C/W
TjSD
Thermal shut-down junction temperature
-
150
-
°C
Twarn
Thermal warning temperature
-
130
-
°C
thSD
Thermal shut-down hysteresis
-
25
-
°C
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
POUT
Output power in BTL mode
THD+N > 10%
-
20
-
W
RdsON
Power P-channel/N-channel
MOSFET on resistance
Idd = 1 A
-
180
230
m
Ω
Idss
Power P-channel/N-channel
leakage
-
--10
μA
gN
Power P-channel RdsON
matching
Idd = 1 A
95
--%
gP
Power N-channel RdsON
matching
Idd = 1 A
95
--%
Dt_s
Low current dead time (static)
see Figure 2
-
5
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com