Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA559BW Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA559BW
Description  Selectable 32- to 192-kHz input sample rates
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA559BW Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA559BW Datasheet HTML 17Page - STMicroelectronics STA559BW Datasheet HTML 18Page - STMicroelectronics STA559BW Datasheet HTML 19Page - STMicroelectronics STA559BW Datasheet HTML 20Page - STMicroelectronics STA559BW Datasheet HTML 21Page - STMicroelectronics STA559BW Datasheet HTML 22Page - STMicroelectronics STA559BW Datasheet HTML 23Page - STMicroelectronics STA559BW Datasheet HTML 24Page - STMicroelectronics STA559BW Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
DocID18190 Rev 2
21/67
STA559BW
Register description
67
6
Register description
Note:
Addresses exceeding the maximum address number must not be written.
Table 8. Register summary
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
0x00
CONFA
FDRB
TWAB
TWRB
IR1
IR0
MCS2
MCS1
MCS0
0x01
CONFB
C2IM
C1IM
DSCKE
SAIFB
SAI3
SAI2
SAI1
SAI0
0x02
CONFC
OCRB
Reserved
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
0x03
CONFD
SME
ZDE
DRC
BQL
PSL
DSPB
DEMP
HPB
0x04
CONFE
SVE
ZCE
DCCV
PWMS
AME
NSBW
MPC
MPCV
0x05
CONFF
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
OCFG1
OCFG0
0x06
MUTELOC
LOC1
LOC0
Reserved
Reserved
C3M
C2M
C1M
Reserved
0x07
MVOL
MVOL[7:0]
0x08
C1VOL
C1VOL[7:0]
0x09
C2VOL
C2VOL[7:0]
0x0A
C3VOL
C3VOL[7:0]
0x0B
AUTO1
Reserved
Reserved
AMGC[1:0]
Reserved
Reserved
Reserved
Reserved
0x0C
AUTO2
XO3
XO2
XO1
XO0
AMAM2
AMAM1
AMAM0
AMAME
0x0D
AUTO3
Reserved
0x0E
C1CFG
C1OM1
C1OM0
C1LS1
C1LS0
C1BO
C1VBP
C1EQBP
C1TCB
0x0F
C2CFG
C2OM1
C2OM0
C2LS1
C2LS0
C2BO
C2VBP
C2EQBP
C2TCB
0x10
C3CFG
C3OM1
C3OM0
C3LS1
C3LS0
C3BO
C3VBP
Reserved
Reserved
0x11
TONE
TTC3
TTC2
TTC1
TTC0
BTC3
BTC2
BTC1
BTC0
0x12
L1AR
L1A3
L1A2
L1A1
L1A0
L1R3
L1R2
L1R1
L1R0
0x13
L1ATRT
L1AT3
L1AT2
L1AT1
L1AT0
L1RT3
L1RT2
L1RT1
L1RT0
0x14
L2AR
L2A3
L2A2
L2A1
L2A0
L2R3
L2R2
L2R1
L2R0
0x15
L2ATRT
L2AT3
L2AT2
L2AT1
L2AT0
L2RT3
L2RT2
L2RT1
L2RT0
0x16
CFADDR
Reserved
Reserved
CFA[5:0]
0x17
B1CF1
C1B[23:16]
0x18
B1CF2
C1B[15:8]
0x19
B1CF3
C1B[7:0]
0x1A
B2CF1
C2B[23:16]
0x1B
B2CF2
C2B[15:8]
0x1C
B2CF3
C2B[7:0]
0x1D
A1CF1
C3B[23:16]
0x1E
A1CF2
C3B[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com