Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA559BW Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA559BW
Description  Selectable 32- to 192-kHz input sample rates
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA559BW Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA559BW Datasheet HTML 18Page - STMicroelectronics STA559BW Datasheet HTML 19Page - STMicroelectronics STA559BW Datasheet HTML 20Page - STMicroelectronics STA559BW Datasheet HTML 21Page - STMicroelectronics STA559BW Datasheet HTML 22Page - STMicroelectronics STA559BW Datasheet HTML 23Page - STMicroelectronics STA559BW Datasheet HTML 24Page - STMicroelectronics STA559BW Datasheet HTML 25Page - STMicroelectronics STA559BW Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
Register description
STA559BW
22/67
DocID18190 Rev 2
6.1
Configuration registers (addr 0x00 to 0x05)
6.1.1
Configuration register A (addr 0x00)
Master clock select
The STA559BW supports sample rates of 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz,
176.4 kHz, and 192 kHz. Therefore the internal clock is:
32.768 MHz for 32 kHz
45.1584 MHz for 44.1 kHz, 88.2 kHz, and 176.4 kHz
49.152 MHz for 48 kHz, 96 kHz, and 192 kHz
The external clock frequency provided to the XTI pin must be a multiple of the input sample
frequency (fs).
0x1F
A1CF3
C3B[7:0]
0x20
A2CF1
C4B[23:16]
0x21
A2CF2
C4B[15:8]
0x22
A2CF3
C4B[7:0]
0x23
B0CF1
C5B[23:16]
0x24
B0CF2
C5B[15:8]
0x25
B0CF3
C5B[7:0]
0x26
CFUD
Reserved
RA
R1
WA
W1
0x27
MPCC1
MPCC[15:8]
0x28
MPCC2
MPCC[7:0]
0x29
DCC1
DCC[15:8]
0x2A
DCC2
DCC[7:0]
0x2B
FDRC1
FDRC[15:8]
0x2C
FDRC2
FDRC[7:0]
0x2D
STATUS
PLLUL
FAULT
UVFAULT
Reserved
OCFAULT
OCWARN
TFAULT
TWARN
Table 8. Register summary (continued)
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
FDRB
TWAB
TWRB
IR1
IR0
MCS2
MCS1
MCS0
01
10
00
1
1
Table 9. Master clock select
Bit
R/W
RST
Name
Description
0R/W
1
MCS0
Selects the ratio between the input I²S sample
frequency and the input clock.
1R/W
1
MCS1
2R/W
0
MCS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com