Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS3486 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLVDS3486
Description  High speed differential line drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS3486 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLVDS3486 Datasheet HTML 3Page - STMicroelectronics STLVDS3486 Datasheet HTML 4Page - STMicroelectronics STLVDS3486 Datasheet HTML 5Page - STMicroelectronics STLVDS3486 Datasheet HTML 6Page - STMicroelectronics STLVDS3486 Datasheet HTML 7Page - STMicroelectronics STLVDS3486 Datasheet HTML 8Page - STMicroelectronics STLVDS3486 Datasheet HTML 9Page - STMicroelectronics STLVDS3486 Datasheet HTML 10Page - STMicroelectronics STLVDS3486 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STLVDS3486
Electrical characteristics
7/15
Note:
1
tsk(O) is the maximum delay time difference between the propagation delay of one channel
and that of the others on the same chip with any event on the inputs.
2tsk(P) is the magnitude difference in differential propagation delay time between the positive
going edge and the negative going edge of the same channel.
3tsk(PP) is the differential channel-to-channel skew of any event between devices. This
specification applies to devices at the same VCC, and within 5°C of each other within the
operating temperature range.
Table 6.
Switching characteristics
(Over recommended operating conditions unless otherwise noted. All typical values are at
TA = 25°C, and VCC = 3.3V).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay Time, Low to
High Output
CL = 10pF, Fig. 1
1.5
2.5
3.3
ns
tPHL
Propagation Delay Time, High to
Low Output
1.5
2.5
3.3
ns
tr
Differential Output Signal Rise
Time
0.4
ns
tf
Differential Output Signal Fall
Time
0.4
ns
tsk(O)
Channel to Channel Output Skew
(note1)
0.1
0.3
ns
tsk(P)
Pulse Skew (|tPHL - tPLH|) (note2)
0.2
0.4
ns
tsk(PP)
Part to Part Skew (note3)
1
ns
tPZH
Propagation Delay Time, High
Impedance to High Level Output
Fig. 2
312
ns
tPZL
Propagation Delay Time, High
Impedance to Low Level Output
512
ns
tPHZ
Propagation Delay Time, High
Level to High Impedance Output
512
ns
tPLZ
Propagation Delay Time, Low
Level to High Impedance Output
512
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com