Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS3486 Datasheet (PDF) - STMicroelectronics

STLVDS3486 Datasheet PDF - STMicroelectronics
Part # STLVDS3486
Download  STLVDS3486 Download
File Size   182.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed differential line drivers

STLVDS3486 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLVDS3486 Datasheet PDF - STMicroelectronics

Part # STLVDS3486
Download  STLVDS3486 Click to download

File Size   182.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed differential line drivers

STLVDS3486 Datasheet (HTML) - STMicroelectronics


STLVDS3486 Product details

DESCRIPTION
The STLVDS3486, is a differential line receiver that implements the electrical characteristics of low voltage differential signaling (LVDS). This signaling technique lowers the output voltage levels of 5V differential standard levels (such as TIA/EIA-422B) to reduce the power, increase the switching speeds and allow operations with a 3.3V supply rail. This differential receiver provides a valid logical output state with a 3.3V supply rail. It also provides a valid logical output state with a ±100mV differential input voltage within the input common mode voltage range. The input common mode voltage allows 1V of ground potential difference between two LVDS nodes.

■ MEETS OR EXCEEDS THE REQUIREMENTS OF ANSI TIA/EIA-644 STANDARD
■ OPERATES WITH A SINGLE 3.3V SUPPLY
■ DESIGNED FOR SIGNALING RATE UP TO 400Mbps
■ DIFFERENTIAL INPUT THRESHOLDS ±100mV MAX
■ TYPICAL PROPAGATION DELAY TIME OF 2.5ns
■ POWER DISSIPATION 60mW TYPICAL PER RECEIVER AT 200MHz
■ LOW VOLATGE TTL (LVTTL) LOGIC OUTPUT LEVELS
■ PIN COMPATIBLE WITH THE MC3486 AND SN65LVD3486
■ OPEN CIRCUIT FAIL SAFE
■ ESD PROTECTION:
    7KV RECEIVER PINS
    3KV ALL PINS VS GND




Similar Part No. - STLVDS3486

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31B STMICROELECTRONICS-STLVDS31B Datasheet
702Kb / 15P
High speed differential line drivers
15-Jul-2009
STLVDS31BD STMICROELECTRONICS-STLVDS31BD Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BDR STMICROELECTRONICS-STLVDS31BDR Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BTR STMICROELECTRONICS-STLVDS31BTR Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
More results


Similar Description - STLVDS3486

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS179 TI1-SN65LVDS179_16 Datasheet
1Mb / 50P
High-Speed Differential Line Drivers
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
High-Speed Differential Line Drivers
logo
STMicroelectronics
STLVDS31B STMICROELECTRONICS-STLVDS31B Datasheet
702Kb / 15P
High speed differential line drivers
15-Jul-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com