Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS3486 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLVDS3486
Description  High speed differential line drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS3486 Datasheet(HTML) 3 Page - STMicroelectronics

  STLVDS3486 Datasheet HTML 1Page - STMicroelectronics STLVDS3486 Datasheet HTML 2Page - STMicroelectronics STLVDS3486 Datasheet HTML 3Page - STMicroelectronics STLVDS3486 Datasheet HTML 4Page - STMicroelectronics STLVDS3486 Datasheet HTML 5Page - STMicroelectronics STLVDS3486 Datasheet HTML 6Page - STMicroelectronics STLVDS3486 Datasheet HTML 7Page - STMicroelectronics STLVDS3486 Datasheet HTML 8Page - STMicroelectronics STLVDS3486 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STLVDS3486
Pin configuration
3/15
1
Pin configuration
L=Low level, H=High Level, X=Don’t care, Z= High Impedance
Figure 1.
Pin connections
Table 1.
Pin description
Pin n°
Symbol
Name and function
2, 6, 10, 14
1A to 4A
Receiver inputs
1, 7, 9, 15
1B to 4B
Negated receiver inputs
3, 5, 11, 13
1Y to 4Y
Receiver outputs
4
1EN, 2EN
Receivers 1 and 2 enable
12
3EN, 4EN
Receivers 3 and 4 enable
8
GND
Ground
16
VCC
Supply voltage
Table 2.
Truth table
Differential input
Enables
Output
A, B
EN
Y
VID ≥ 100mV
H
H
-100mV < VID < 100mV
H
?
VID ≤ -100mV
H
L
XL
Z
OPEN
H
H
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com