Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13CM Datasheet(PDF) 8 Page - STMicroelectronics

Part # STOD13CM
Description  250 mA dual DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13CM Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STOD13CM Datasheet HTML 4Page - STMicroelectronics STOD13CM Datasheet HTML 5Page - STMicroelectronics STOD13CM Datasheet HTML 6Page - STMicroelectronics STOD13CM Datasheet HTML 7Page - STMicroelectronics STOD13CM Datasheet HTML 8Page - STMicroelectronics STOD13CM Datasheet HTML 9Page - STMicroelectronics STOD13CM Datasheet HTML 10Page - STMicroelectronics STOD13CM Datasheet HTML 11Page - STMicroelectronics STOD13CM Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics
STOD13CM
8/25
024087 Rev 1
4
Electrical characteristics
TJ = 25 °C, VINA = VINP = 3.7 V, IMID,O2 = 30 mA, CIN = 2 x 10 µF, CMID = 10 µF,
CO2 = 2 x 10 µF, CREF = 1 µF, L1 = L2 = 4.7 µH, VEN = 2 V, VMID = 4.6 V, VO2 = -4.0 V unless
otherwise specified.
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VINA, VINP
Supply input voltage
2.5
3.7
4.5
V
UVLO_H
Undervoltage lockout HIGH
VINA rising
2.22
2.25
V
UVLO_L
Undervoltage lockout LOW
VINA falling
1.9
2.18
V
I_VI
Input current
No load condition
1.7
2.1
mA
IQ_SH
Shutdown current
VEN = VSW = GND
TJ = -40°C to +85°C
1µA
VEN H
Enable high threshold
VINA=2.5V to 4.5V,
TJ = -40°C to +85°C
1.2
V
VEN L
Enable low threshold
0.4
IEN
Enable input current
VEN=VINA=4.5V;
TJ = -40°C to +85°C
1µA
fs
Switching frequency
PWM mode
1.35
1.5
1.65
MHz
D1MAX
Step-up maximum duty cycle
No load
87
%
D2MAX
Inverting maximum duty cycle No load
87
%
Total system efficiency
IMID,O2=10 to 30mA,
VMID=4.6V, VO2=-4.0V
78
%
IMID,O2=30 to 150mA,
VMID=4.6V, VO2=-4.0V
85
IMID,O2=150 to 250mA,
VMID=4.6V, VO2=-4.0V
82
VREF
Reference voltage
IREF=10µA
1.208
1.220
1.232
V
IREF
Reference current capability
@ 98.5% of no load
reference voltage
100
µA
Step-up converter section
VMID
(1)/
FBP (2)
Positive output voltage
4.6
V
Positive output voltage total
variation
VINA=VINP=2.9V to 4.5V;
IMID=5mA to 250mA,
IO2 no load
-0.5
0.5
%
VINA=VINP=2.9V to 4.5V;
IMID=5mA to 250mA, IO2 no
load TJ = -40°C to +85°C
-0.8
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com