Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13CM Datasheet(PDF) 4 Page - STMicroelectronics

Part # STOD13CM
Description  250 mA dual DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13CM Datasheet(HTML) 4 Page - STMicroelectronics

  STOD13CM Datasheet HTML 1Page - STMicroelectronics STOD13CM Datasheet HTML 2Page - STMicroelectronics STOD13CM Datasheet HTML 3Page - STMicroelectronics STOD13CM Datasheet HTML 4Page - STMicroelectronics STOD13CM Datasheet HTML 5Page - STMicroelectronics STOD13CM Datasheet HTML 6Page - STMicroelectronics STOD13CM Datasheet HTML 7Page - STMicroelectronics STOD13CM Datasheet HTML 8Page - STMicroelectronics STOD13CM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Schematic diagram
STOD13CM
4/25
024087 Rev 1
1
Schematic diagram
Figure 1.
Application schematic
Note:
All the above components refer to typical application performance characteristics. Operation
of the device is not limited to the choice of these external components. Inductor values
ranging from 3.3 µH to 6.8 µH can be used.
Table 2.
Typical external components
Comp.
Manufacturer
Part number
Value
Size
Ratings
L1
(1)
Coilcraft
Murata
TOKO
LPS4012-472ML
LQH3NPN4R7MM0
1239AS-H-4R7N
4.7 µH
4.0 x 4.0 x 1.2
3.0 x 3.0 x 1.5
2.5 x 2.0 x 1.2
± 20%, I = 1.7 A, R = 0.175
Ω
± 20%, I = 1.25 A, R = 0.13
Ω
± 30%, I = 1.3 A, R = 0.24
Ω
L2
(2)
Coilcraft
Murata
TOKO
LPS4012-472ML
LQH3NPN4R7MM0
1277AS-H-4R7N
4.7 µH
4.0 x 4.0 x 1.2
3.0 x 3.0 x 1.5
3.2 x 2.5 x 1.2
± 20%, I = 1.7 A, R = 0.175
Ω
± 20%, I = 1.25 A, R = 0.13
Ω
± 30%, I = 1.4 A, R = 0.2
Ω
CIN
Murata
AVX/Kyocera
GRM219R61A106KE44
TV21X5R106K10AT095
2x10 µF
0805
±10%, X5R, 10 V
CMID
Murata
AVX/Kyocera
GRM219R61A106KE44
TV21X5R106K10AT095
10 µF
0805
±10%, X5R, 10 V
CO2
Murata
AVX/Kyocera
GRM219R61A106KE44
TV21X5R106K10AT095
2x10 µF
0805
±10%, X5R, 10 V
CREF
Murata
GRM185R60J105KE26
1 µF
0603
±10%, X5R, 6.3 V
1.
250 mA load can be provided with inductor saturation current at a minimum of 0.9 A.
2.
At - 4.4 V, 250 mA load can be provided with inductor saturation current at a minimum of 1.5 A. See note in
Section 6.1.1:
Inductor selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com