Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13CM Datasheet (PDF) - STMicroelectronics

STOD13CM Datasheet PDF - STMicroelectronics
Part # STOD13CM
Download  STOD13CM Download
File Size   988.33 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 mA dual DC-DC converter

STOD13CM Datasheet (PDF)

Go To PDF Page Download Datasheet
STOD13CM Datasheet PDF - STMicroelectronics

Part # STOD13CM
Download  STOD13CM Click to download

File Size   988.33 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 mA dual DC-DC converter

STOD13CM Datasheet (HTML) - STMicroelectronics


STOD13CM Product details

Description
The STOD13CM is a dual DC-DC converter for AMOLED display panels. It integrates a step-up and an inverting DC-DC converter making it particularly suitable for battery operated products, in which the major concern is overall system efficiency. It works in pulse-skipping mode during low load conditions and PWM-MODE at 1.5 MHz frequency for medium/high load conditions. The high frequency allows the value and size of external components to be reduced. The Enable

Features
■ Step-up and inverting converters
■ Operating input voltage range from 2.5 V to 4.5 V
■ Synchronous rectification for both DC-DC converters
■ Minimum 250 mA output current
■ 4.6 V fixed positive output voltage
■ Programmable negative voltage by SWIRE from
■ 1.4 V to - 4.4 V at 100 mV steps
■ Typical efficiency: 85%
■ Pulse-skipping mode in light load condition
■ 1.5 MHz PWM mode control switching frequency
■ High immunity to TDMA noise
■ Enable pin for shutdown mode
■ Low quiescent current in shutdown mode
■ Soft-start with inrush current protection
■ Overtemperature protection
■ Temperature range: -40 °C to 85 °C
■ True-shutdown mode
■ Fast circuit discharge outputs circuits after shutdown
■ Short-circuit protection

Applications
■ Active matrix OLED power supply in portable devices
■ Cellular phones
■ Camcorders and digital still cameras
■ Multimedia players




Similar Part No. - STOD13CM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD1317B STMICROELECTRONICS-STOD1317B Datasheet
907Kb / 22P
Very high efficiency at light load thanks to pulse skipping operation
11-Apr-2013
STOD1317BTPUR STMICROELECTRONICS-STOD1317BTPUR Datasheet
907Kb / 22P
Very high efficiency at light load thanks to pulse skipping operation
11-Apr-2013
STOD13A STMICROELECTRONICS-STOD13A Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD13AM STMICROELECTRONICS-STOD13AM Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
STOD13AMTPUR STMICROELECTRONICS-STOD13AMTPUR Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
More results


Similar Description - STOD13CM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1410 ONSEMI-NCP1410 Datasheet
126Kb / 16P
250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
NCP1417 ONSEMI-NCP1417 Datasheet
128Kb / 16P
200 mA DC-DC Step-up Converter with Dual Low Battery Protection
April, 2002 ??Rev. 1
logo
AIMTEC
AME250-Z AIMTEC-AME250-Z Datasheet
252Kb / 2P
250 watt ac-dc converter
AMED250-Z AIMTEC-AMED250-Z Datasheet
250Kb / 2P
250 watt ac-dc converter
AMEU250-Z AIMTEC-AMEU250-Z Datasheet
254Kb / 2P
250 watt ac-dc converter
logo
ON Semiconductor
NCP1410 ONSEMI-NCP1410_05 Datasheet
132Kb / 14P
250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
DUAL OUTPUT DC-DC CONVERTER
logo
STMicroelectronics
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
logo
Texas Instruments
0722 TI1-0722 Datasheet
180Kb / 10P
DUAL ISOLATED DC/DC CONVERTER
logo
STMicroelectronics
STOD14 STMICROELECTRONICS-STOD14 Datasheet
699Kb / 22P
700 mA dual DC-DC converter for powering AMOLED displays
16-Aug-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com