Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13AMTPUR Datasheet (PDF) - STMicroelectronics

STOD13AMTPUR Datasheet PDF - STMicroelectronics
Part # STOD13AMTPUR
Download  STOD13AMTPUR Download
File Size   755.58 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Step-up and inverter converters

STOD13AMTPUR Datasheet (PDF)

Go To PDF Page Download Datasheet
STOD13AMTPUR Datasheet PDF - STMicroelectronics

Part # STOD13AMTPUR
Download  STOD13AMTPUR Click to download

File Size   755.58 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Step-up and inverter converters

STOD13AMTPUR Datasheet (HTML) - STMicroelectronics


STOD13AMTPUR Product details

Description
The STOD13AM is a dual DC-DC converter for AMOLED display panels. It integrates a step-up and an inverting DC-DC converter making it particularly suitable for battery operated products, in which the major concern is overall system efficiency. It works in pulse-skipping mode during low load conditions and PWM mode at 1.5 MHz frequency for medium/high load conditions. The high frequency allows the value and size of external components to be reduced. The Enable pin allows the device to be turned off, therefore reducing the current consumption to less than 1 µA. The negative output voltage can be programmed by an MCU through a dedicated pin which implements single-wire protocol. Soft-start with controlled inrush current limit, thermal shutdown, and short-circuit protection are integrated functions of the device.

Features
■ Step-up and inverter converters
■ Operating input voltage range from 2.5 V to 4.5 V
■ Synchronous rectification for both DC-DC converters
■ Minimum 250 mA output current
■ 4.6 V fixed positive output voltage
■ Programmable negative voltage by SWIRE from - 2.4 V to - 5.4 V at 100 mV steps
■ Typical efficiency: 85%
■ Pulse-skipping mode in light load condition
■ 1.5 MHz PWM mode control switching frequency
■ TDMA noise high immunity
■ Enable pin for shutdown mode
■ Low quiescent current in shutdown mode
■ Soft-start with inrush current protection
■ Overtemperature protection
■ Temperature range: - 40 °C to 85 °C
■ True-shutdown mode
■ Fast discharge outputs of the circuits after shutdown
■ Overload protection
■ Short-circuit protection
■ Package DFN12L (3 x 3 mm) 0.6 mm height

Applications
■ Active matrix OLED power supply in portable devices
■ Cellular phones
■ Camcorders and digital still cameras
■ Multimedia players




Similar Part No. - STOD13AMTPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD13A STMICROELECTRONICS-STOD13A Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD13AS STMICROELECTRONICS-STOD13AS Datasheet
694Kb / 25P
Synchronous rectification for both DC-DC converters
27-Jan-2012
STOD13ASTPUR STMICROELECTRONICS-STOD13ASTPUR Datasheet
694Kb / 25P
Synchronous rectification for both DC-DC converters
27-Jan-2012
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
More results


Similar Description - STOD13AMTPUR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8569A MAXIM-MAX8569A Datasheet
239Kb / 11P
200mA Step-Up Converters in 6-Pin SOT23 and TDFN
Rev 0; 5/05
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
Micropower Step-Up DC/DC Converters
logo
Linear Technology
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
STMicroelectronics
STOD03B STMICROELECTRONICS-STOD03B Datasheet
934Kb / 22P
Step-up with LDO and inverter converters
19-Dec-2011
logo
Richtek Technology Corp...
RT9907 RICHTEK-RT9907_14 Datasheet
377Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
Step-up, step-down, step-up and step-down LED driver chip
logo
Maxim Integrated Produc...
MAX8569 MAXIM-MAX8569 Datasheet
304Kb / 11P
200mA Step-Up Converters in 6-Pin SOT23 and TDFN
Rev 0; 5/05
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com