Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13AMTPUR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STOD13AMTPUR
Description  Step-up and inverter converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AMTPUR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STOD13AMTPUR Datasheet HTML 3Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 4Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 5Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 6Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 7Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 8Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 9Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 10Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STOD13AM
Maximum ratings
Doc ID 023747 Rev 1
7/25
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
The Lx1 and Lx2 have high slew rate and they can be above the absolute maximum rating
during operation due to the parasitic inductance in the PCB and scope probe. An absolute
maximum rating of Lx1 and Lx2 is related to voltage supplied by an external source so the
internally generated Lx1 and Lx2 voltage during normal operation doesn't damage the
chipset.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VINA, VINP
DC supply voltage
-0.3 to 6
V
EN, SWIRE
Logic input pins
-0.3 to 4.6
V
FD
Logic input pin
-0.3 to VINA +0.3
V
ILX2
Inverting converter switching current
Internally limited
A
LX2
Inverting converter switching node voltage
-10 to VINP + 0.3
V
VO2
Inverting converter output voltage
-10 to AGND + 0.3
V
VMID
Step-up converter and LDO output voltage
-0.3 to 6
V
LX1
Step-up converter switching node voltage
-0.3 to VMID + 0.3
V
ILX1
Step-up converter switching current
Internally limited
A
VREF
Reference voltage
-0.3 to 3
V
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
150
°C
ESD
Human body model protection
±2
kV
Machine body model protection
200
V
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
33
°C/W
RthJC
Thermal resistance junction-case (FR-4 PCB) (1)
2.12
°C/W
1.
The package is mounted on a 4-layer (2S2P) JEDEC board as per JESD51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com