Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13AMTPUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STOD13AMTPUR
Description  Step-up and inverter converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AMTPUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STOD13AMTPUR Datasheet HTML 7Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 8Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 9Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 10Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 11Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 12Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 13Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 14Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
STOD13AM
Typical performance characteristics
Doc ID 023747 Rev 1
11/25
5
Typical performance characteristics
VINA = VINP = 3.7 V, VO2 = -4.9 V, TJ = 25 °C; see Table 1 for external components used in
the tests below.
Figure 4.
Maximum power output vs. input
voltage
Figure 5.
Efficiency vs. output current
Figure 6.
Soft-start with SSD
Figure 7.
Soft-start and inrush current
VINA = VINP = 3.7 V, RMID,O2 < 4 kΩ, L1 = L2
No load
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
2.5
2.7
2.9
3.1
3.33.5
3.7
3.9
4.1
4.3
4.5
V_IN [V]
Po1,2 MAX
65.0
67.5
70.0
72.5
75.0
77.5
80.0
82.5
85.0
87.5
90.0
520
35
50
65
95
110
125
140
155
170
185200
215230245
260
ILOAD [mA]
3.4 V
3.7 V
3.8 V
4 V
4.2 V
4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com