Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13AMTPUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STOD13AMTPUR
Description  Step-up and inverter converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AMTPUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STOD13AMTPUR Datasheet HTML 11Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 12Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 13Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 14Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 15Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 16Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 17Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 18Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
STOD13AM
Application information
Doc ID 023747 Rev 1
15/25
7
Application information
7.1
External passive components
7.1.1
Inductor selection
Magnetic shielded low ESR power inductors must be chosen as the key passive
components for switching converters.
For the step-up converter an inductance between 4.7 µH and 6.8 µH is recommended.
For the inverting stage the suggested inductance ranges from 3.3 µH to 4.7 µH.
It is very important to select the right inductor according to the maximum current the
inductor can handle to avoid saturation. The step-up and the inverting peak current can be
calculated as follows:
Equation 1
Equation 2
where
VMID: step-up output voltage, fixed at 4.6 V;
VO2: inverting output voltage including sign (minimum value is the absolute maximum
value);
IO: output current for both DC-DC converters;
VIN: input voltage of the STOD13AM;
fs: switching frequency. Use the minimum value of 1.35 MHz for the worst case;
η1: efficiency of step-up converter. Typical value is 0.70;
η2: efficiency of inverting converter. Typical value is 0.60.
The negative output voltage can be set via SWIRE at -5.4 V. Accordingly, the inductor peak
current, at the maximum load condition, increases. A proper inductor, with a saturation
current as a minimum of 1 A, is preferred.
7.1.2
Input and output capacitor selection
It is recommended to use X5R or X7R low ESR ceramic capacitors as input and output
capacitors in order to filter any disturbance present in the input line and to obtain stable
operation for the two switching converters. A minimum real capacitance value of 6 µF must
be guaranteed for CO2 in all conditions. Considering tolerance, temperature variation and
DC polarization, 2 x 10 µF 10 V ± 10% as CO2 can be used to achieve the required 6 µF.
1
L
fs
V
2
)
VIN
V
(
VIN
VIN
1
I
V
I
MID
MIN
MID
MIN
MIN
OUT
MID
BOOST
PEAK
×
×
×
×
+
×
η
×
=
2
)
2
(
2
2
2
)
2
(
L
fs
VIN
VO
VO
VIN
VIN
I
VO
VIN
I
MIN
MIN
MIN
MIN
MIN
OUT
MIN
MIN
INVERTING
PEAK
x
x
-
x
x
+
x
x
-
=
-
η
2
)
2
(
2
2
2
)
2
(
L
fs
VIN
VO
VO
VIN
VIN
I
VO
VIN
I
MIN
MIN
MIN
MIN
MIN
OUT
MIN
MIN
INVERTING
PEAK
x
x
-
x
x
+
x
x
-
=
-
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com