Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13AMTPUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STOD13AMTPUR
Description  Step-up and inverter converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AMTPUR Datasheet(HTML) 1 Page - STMicroelectronics

  STOD13AMTPUR Datasheet HTML 1Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 2Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 3Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 4Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 5Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 6Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 7Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 8Page - STMicroelectronics STOD13AMTPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
October 2012
Doc ID 023747 Rev 1
1/25
25
STOD13AM
250 mA dual DC-DC converter
for powering AMOLED displays
Datasheet
production data
Features
Step-up and inverter converters
Operating input voltage range from 2.5 V to
4.5 V
Synchronous rectification for both DC-DC
converters
Minimum 250 mA output current
4.6 V fixed positive output voltage
Programmable negative voltage by SWIRE from
- 2.4 V to - 5.4 V at 100 mV steps
Typical efficiency: 85%
Pulse-skipping mode in light load condition
1.5 MHz PWM mode control switching
frequency
TDMA noise high immunity
Enable pin for shutdown mode
Low quiescent current in shutdown mode
Soft-start with inrush current protection
Overtemperature protection
Temperature range: - 40 °C to 85 °C
True-shutdown mode
Fast discharge outputs of the circuits after
shutdown
Overload protection
Short-circuit protection
Package DFN12L (3 x 3 mm) 0.6 mm height
Applications
Active matrix OLED power supply in portable
devices
Cellular phones
Camcorders and digital still cameras
Multimedia players
Description
The STOD13AM is a dual DC-DC converter for
AMOLED display panels. It integrates a step-up
and an inverting DC-DC converter making it
particularly suitable for battery operated products,
in which the major concern is overall system
efficiency. It works in pulse-skipping mode during
low load conditions and PWM mode at 1.5 MHz
frequency for medium/high load conditions. The
high frequency allows the value and size of
external components to be reduced. The Enable
pin allows the device to be turned off, therefore
reducing the current consumption to less than 1
µA. The negative output voltage can be
programmed by an MCU through a dedicated pin
which implements single-wire protocol. Soft-start
with controlled inrush current limit, thermal
shutdown, and short-circuit protection are
integrated functions of the device.
DFN12L (3 x 3 mm)
Table 1.
Device summary
Order code
Positive voltage
Negative voltage
Package
Packaging
STOD13AMTPUR
4.6 V
- 2.4 V to - 5.4 V
DFN12L (3 x 3 mm)
3000 parts per reel
www.st.com


Similar Part No. - STOD13AMTPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD13A STMICROELECTRONICS-STOD13A Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD13AS STMICROELECTRONICS-STOD13AS Datasheet
694Kb / 25P
Synchronous rectification for both DC-DC converters
27-Jan-2012
STOD13ASTPUR STMICROELECTRONICS-STOD13ASTPUR Datasheet
694Kb / 25P
Synchronous rectification for both DC-DC converters
27-Jan-2012
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
More results

Similar Description - STOD13AMTPUR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8569A MAXIM-MAX8569A Datasheet
239Kb / 11P
200mA Step-Up Converters in 6-Pin SOT23 and TDFN
Rev 0; 5/05
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
Micropower Step-Up DC/DC Converters
logo
Linear Technology
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
STMicroelectronics
STOD03B STMICROELECTRONICS-STOD03B Datasheet
934Kb / 22P
Step-up with LDO and inverter converters
19-Dec-2011
logo
Richtek Technology Corp...
RT9907 RICHTEK-RT9907_14 Datasheet
377Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
Step-up, step-down, step-up and step-down LED driver chip
logo
Maxim Integrated Produc...
MAX8569 MAXIM-MAX8569 Datasheet
304Kb / 11P
200mA Step-Up Converters in 6-Pin SOT23 and TDFN
Rev 0; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com