Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13AS Datasheet (PDF) - STMicroelectronics

STOD13AS Datasheet PDF - STMicroelectronics
Part # STOD13AS
Download  STOD13AS Download
File Size   694.97 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectification for both DC-DC converters

STOD13AS Datasheet (PDF)

Go To PDF Page Download Datasheet
STOD13AS Datasheet PDF - STMicroelectronics

Part # STOD13AS
Download  STOD13AS Click to download

File Size   694.97 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectification for both DC-DC converters

STOD13AS Datasheet (HTML) - STMicroelectronics


STOD13AS Product details

Description
The STOD13AS is a dual DC-DC converter for AMOLED display panels. It integrates a step-up and an inverting DC-DC converter making it particularly suitable for battery operated products, in which the major concern is overall system efficiency. It works in pulse skipping mode during low load conditions and PWM-MODE at 1.5 MHz frequency for medium/high load conditions. The high frequency allows the value and size of external components to be reduced. The Enable pin allows the device to be turned off, therefore reducing the current consumption to less than 1 µA. The negative output voltage can be programmed by an MCU through a dedicated pin which implements single-wire protocol. Soft-start with controlled inrush current limit, thermal shutdown, and short-circuit protection are integrated functions of the device.

Features
■ Step-up and inverter converters
■ Operating input voltage range from 2.5 V to 4.5 V
■ Synchronous rectification for both DC-DC converters
■ Minimum 250 mA output current
■ 4.6 V fixed positive output voltage
■ Programmable negative voltage by SWIRE from -2.4 V to -6.4 V at 100 mV steps
■ Typical efficiency: 85%
■ Pulse skipping mode in light load condition
■ 1.5 MHz PWM mode control switching frequency
■ TDMA noise high immunity
■ Enable pin for shutdown mode
■ Low quiescent current in shutdown mode
■ Soft-start with inrush current protection
■ Overtemperature protection
■ Temperature range: -40 °C to 85 °C
■ True-shutdown mode
■ Fast discharge outputs of the circuits after shutdown
■ Short-circuit protection
■ Package DFN12L (3 x 3 mm) 0.6 mm height

Applications
■ Active matrix AMOLED power supply in portable devices
■ Cellular phones
■ Camcorders and digital still cameras




Similar Part No. - STOD13AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD13A STMICROELECTRONICS-STOD13A Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD13AM STMICROELECTRONICS-STOD13AM Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
STOD13AMTPUR STMICROELECTRONICS-STOD13AMTPUR Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
More results


Similar Description - STOD13AS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8621EFV ROHM-BD8621EFV Datasheet
721Kb / 15P
Built-in 1ch FET Synchronous Rectification Type DC/DC converters
BD8627EFV ROHM-BD8627EFV Datasheet
624Kb / 13P
Built-in 1ch FET Synchronous Rectification Type DC/DC converters
BD8629FS ROHM-BD8629FS Datasheet
615Kb / 12P
Built-in 1ch FET Synchronous Rectification Type DC/DC converters
logo
International Rectifier
IRF7470TRPBF IRF-IRF7470TRPBF Datasheet
133Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
IRF7456TRPBF IRF-IRF7456TRPBF Datasheet
211Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
logo
Kersemi Electronic Co.,...
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRF7455PBF IRF-IRF7455PBF_15 Datasheet
1Mb / 8P
HIGH FREQUENCY DC-DC CONVERTERS WITH SYNCHRONOUS RECTIFICATION
IRF7456PBF IRF-IRF7456PBF_15 Datasheet
211Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
IRF7470PBF IRF-IRF7470PBF_15 Datasheet
133Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
logo
Guangdong Youtai Semico...
IRF7470TR UMW-IRF7470TR Datasheet
376Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com