Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13AS Datasheet(PDF) 9 Page - STMicroelectronics

Part # STOD13AS
Description  Synchronous rectification for both DC-DC converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STOD13AS Datasheet HTML 5Page - STMicroelectronics STOD13AS Datasheet HTML 6Page - STMicroelectronics STOD13AS Datasheet HTML 7Page - STMicroelectronics STOD13AS Datasheet HTML 8Page - STMicroelectronics STOD13AS Datasheet HTML 9Page - STMicroelectronics STOD13AS Datasheet HTML 10Page - STMicroelectronics STOD13AS Datasheet HTML 11Page - STMicroelectronics STOD13AS Datasheet HTML 12Page - STMicroelectronics STOD13AS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
STOD13AS
Electrical characteristics
Doc ID 022733 Rev 1
9/25
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ΔV
MID LT
Line transient
VINA,P=3.4V to 2.9V,
IMID=100mA; TR=TF=10µs
-10
mV
ΔVMID T
Load transient response
IMID=3 to 30mA and IMID=30
to 3mA, TR=TF=150µs
±20
mV
IMID=10 to 100mA and
IMID=100 to 10mA,
TR=TF=150µs
±25
mV
TDMA Noise
Undershoot/overshoot
IMID=10 to 50mA; IO2 no load
(1)
±20
mV
Static variation between low
and high VIN level
4
IMID MAX
Maximum output current
VINA,P=2.9V to 4.5V
250
mA
I-L1MAX
Step-up inductor peak current
VMID 10% below nominal
value
1.08
1.32
A
Step-up converter section
RDSONP1
P-channel static drain-source
ON resistance
VINA=VINP=3.7V,
ISW-P1=100mA
1.0
2.0
Ω
RDSONN1
N-channel static drain-source
ON resistance
VINA=VINP=3.7V,
ISW-N1=100mA
0.4
1.0
Ω
Inverting converter section
VO2
Negative output voltage range
41 different values set by
SWIRE pin
(see
Section 6.1.2)
-6.4
-2.4
V
Negative output voltage
-4.9
V
Negative output voltage total
variation
VINA=VINP=2.9V to 4.5V;
IO2=5mA to 250mA, IMID no
load TJ = -40°C to +85°C
-1.7
1.7
%
ΔV
O2 LT
Line transient
VINA,P=3.4V to 2.9V,
IO2=100mA, TR=TF=10µs
+10
mV
ΔV
O2 T
Load transient response
IO2=3 to 30mA and IO2=30 to
3mA, TR=TF=150µs
±20
mV
IO2=10 to 100mA and
IO2=100 to 10mA,
TR=TF=150µs
±25
mV
TDMA Noise
Undershoot/overshoot
IO2=10 to 50mA; IMID no load
(1)
±20
mV
Static variation between low
and high VIN level
5
IO2 MAX
Maximum output current
VINA,P=2.9V to 4.5V
-250
mA
I-L2MAX
Inverting peak current
VO2 below 10% of nominal
value
-1.6
-1.3
A
RDSONP2
P-channel static drain-source
ON resistance
VINA=VINP=3.7V,
ISW-P2=100mA
0.42
0.8
Ω
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com