Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13AS Datasheet(PDF) 4 Page - STMicroelectronics

Part # STOD13AS
Description  Synchronous rectification for both DC-DC converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AS Datasheet(HTML) 4 Page - STMicroelectronics

  STOD13AS Datasheet HTML 1Page - STMicroelectronics STOD13AS Datasheet HTML 2Page - STMicroelectronics STOD13AS Datasheet HTML 3Page - STMicroelectronics STOD13AS Datasheet HTML 4Page - STMicroelectronics STOD13AS Datasheet HTML 5Page - STMicroelectronics STOD13AS Datasheet HTML 6Page - STMicroelectronics STOD13AS Datasheet HTML 7Page - STMicroelectronics STOD13AS Datasheet HTML 8Page - STMicroelectronics STOD13AS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Schematic
STOD13AS
4/25
Doc ID 022733 Rev 1
1
Schematic
Figure 1.
Application schematic
Note:
All the above components refer to the typical application performance characteristics.
Operation of the device is not limited to the choice of these external components. Inductor
values ranging from 3.3 µH to 6.8 µH can be used together with the STOD13AS.
STOD13AS
VO2
LX1
VINA
S-WIRE
EN
VREF
VMID
CMID
CO2
LX2
VINP
CIN
CREF
LX2
PGND
AGND
VBAT
FD
LX1
AM10459v1
S-WIRE
EN
FD
Table 2.
Typical external components
Comp.
Manufacturer
Part number
Value
Size
Ratings
L1
(1)
CoilCraft
Murata
LPS4012-472ML
LQH3NPN4R7MM0
4.7µH
4.0 x 4.0 x 1.2
3.0 x 3.0 x 1.5
±20%, I = 1.7A, R = 0.175
Ω
±20%, I = 1.25A, R = 0.13
Ω
L2
(2)
CoilCraft
Murata
LPS4012-472ML
LQH3NPN4R7MM0
4.7µH
4.0 x 4.0 x 1.2
3.0 x 3.0 x 1.5
±20%, I = 1.7A, R = 0.175
Ω
±20%, I = 1.25A, R = 0.13
Ω
CIN
Murata
Taiyo YudeN
GRM219R61A106KE44
LMK212BJ106KD-T
2 x 10µF
0805
±10%, X5R, 10V
±10%, X5R, 10V
CMID
Murata
Taiyo YudeN
GRM219R61A106KE44
LMK212BJ106KD-T
10µF
0805
0805
±10%, X5R, 10V
±10%, X5R, 10V
CO2
Murata
Taiyo YudeN
GRM219R61A106KE44
LMK212BJ106KD-T
2 x 10µF
0805
0805
±10%, X5R, 10V
±10%, X5R, 10V
CREF
Murata
Taiyo YudeN
GRM185R60J105KE26
JMK107BJ105KK-T
1µF
0603
0603
±10%, X5R, 6.3V
±10%, X5R, 6.3V
1.
A 250 mA load can be provided with inductor saturation current as a minimum of 0.9 A.
2.
At -6.4 V, a 250 mA load can be provided with inductor saturation current as a minimum of 1.5 A. See
Section 7.1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com