Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13AS Datasheet(PDF) 19 Page - STMicroelectronics

Part # STOD13AS
Description  Synchronous rectification for both DC-DC converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STOD13AS Datasheet HTML 15Page - STMicroelectronics STOD13AS Datasheet HTML 16Page - STMicroelectronics STOD13AS Datasheet HTML 17Page - STMicroelectronics STOD13AS Datasheet HTML 18Page - STMicroelectronics STOD13AS Datasheet HTML 19Page - STMicroelectronics STOD13AS Datasheet HTML 20Page - STMicroelectronics STOD13AS Datasheet HTML 21Page - STMicroelectronics STOD13AS Datasheet HTML 22Page - STMicroelectronics STOD13AS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
STOD13AS
Detailed description
Doc ID 022733 Rev 1
19/25
normal functionality (assuming that the short condition is removed), it is necessary to restart
the converter through an enable transient.
8.1.11
Short-circuit protection (SCP)
When short-circuit occurs, the device is able to detect the voltage difference between VIN
and VOUT. Overshoots are limited, decreasing the inductor current. After that, the output
stages of the device are turned off. This status is maintained, avoiding current flowing to the
load. A new ENABLE transition is needed to restart the device. During startup the short-
circuit protection is active.
8.1.12
Fast discharge
When ENABLE turns from high to low level, the device goes into shutdown mode LX1 and
LX2 stop switching. If the FD pin is low, a resistor of about 400
Ω is connected between
VMID and VO2 to discharge quickly CMID and CO2 capacitors, lowering in about 10 ms the
differential output voltage (VMID-VO2) below 10% of nominal value. When the output
voltages are discharged to 0 V, the switches turn off and the outputs are high impedance.
When the FD pin is high, the fast discharge after shutdown is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com