Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD14 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STOD14
Description  700 mA dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD14 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STOD14 Datasheet HTML 4Page - STMicroelectronics STOD14 Datasheet HTML 5Page - STMicroelectronics STOD14 Datasheet HTML 6Page - STMicroelectronics STOD14 Datasheet HTML 7Page - STMicroelectronics STOD14 Datasheet HTML 8Page - STMicroelectronics STOD14 Datasheet HTML 9Page - STMicroelectronics STOD14 Datasheet HTML 10Page - STMicroelectronics STOD14 Datasheet HTML 11Page - STMicroelectronics STOD14 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STOD14
8/22
Doc ID 023562 Rev 1
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I-L1MAX
Inductor peak current
VO1 below 10% of nominal value
1.2
A
RDSONP1
TA = -40 to 85 °C
0.2
0.5
Ω
RDSONN1
TA = -40 to 85 °C
0.18
0.5
Ω
Inverting converter section
VO2
Output negative voltage
range
41 discrete values with 100 mV steps
set by SWIRE pin
-6.0
-2.4
V
Default value
Default output voltage
-4.9V
Accuracy
Output voltage variation on the
nominal value
-1.4
+1.4
%
ΔVO2 SL
Static line regulation (3)
VINA=6 V to 13 V, IO2=5 mA IO1 no
load; TA=-40 °C to 85 °C
1
%
VINA=6 V to 13 V, IO2=700 mA IO1 no
load, TA=-40 °C to 85 °C
1
ΔVO2
Static load regulation (4)
IO2=5 to 700 mA, IO1 no load, VINA=6
V; TA=-40 °C to 85 °C
1
%
IO2=5 to 700 mA, IO1 no load,
VINA=13 V; TA=-40 °C to 85 °C
1
IO2
Maximum inverting
output current
VINA=6 V to 13 V
-700
mA
I-L2MAX
Inductor peak current
VO2 below 10% of nominal value
-2.0
A
RDSONP2
TA = -40 to 85 °C
0.17
0.5
Ω
RDSONN2
TA = -40 to 85 °C
0.16
0.5
Ω
Thermal shutdown
OTP
Overtemperature
protection
150
°C
OTPHYST
Overtemperature
protection hysteresis
15
°C
Discharge resistor
RDIS
Discharge resistor value
300
Ω
TDIS
Discharge time
No load, from 90% to 10%
15
ms
1.
[(VO1MAX - VO1MIN) / (VO1 @ 25 °C and VINA,P = 6 V)] x 100.
2.
[(VO1MAX - VO1MIN) / (VO1 @ 25 °C and IO1 = 5 mA)] x 100.
3.
[(VO2MAX - VO2MIN) / (VO2 @ 25 °C and VINA,P = 6 V)] x 100.
4.
[(VO2MAX - VO2MIN) / (VO2 @ 25 °C and IO2 = 5 mA)] x 100.
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com