Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD14 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STOD14
Description  700 mA dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD14 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STOD14 Datasheet HTML 6Page - STMicroelectronics STOD14 Datasheet HTML 7Page - STMicroelectronics STOD14 Datasheet HTML 8Page - STMicroelectronics STOD14 Datasheet HTML 9Page - STMicroelectronics STOD14 Datasheet HTML 10Page - STMicroelectronics STOD14 Datasheet HTML 11Page - STMicroelectronics STOD14 Datasheet HTML 12Page - STMicroelectronics STOD14 Datasheet HTML 13Page - STMicroelectronics STOD14 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Typical performance characteristics
STOD14
10/22
Doc ID 023562 Rev 1
Figure 11.
PSRR (VIN = 9 V + 1 VPP sinewave, single-ended 100 mA load)
Figure 9.
Load transient (tR = 10 µs)
Figure 10.
Load transient (tF = 10 µs)
VIN = 6 V, Diff. load 20 to 120 mA, tR = 100 µs
VIN = 6 V, Diff. load 120 to 20 mA, tF = 100 µs
Table 7.
PSRR
f [Hz]
PSRR_VO1 [dB]
PSRR_VO2 [dB]
10
> 60
> 60
100
> 60
> 60
1 000
54
54
2 000
46
48
5 000
40
44
10 000
34
39
20 000
29
35
50 000
31
34
100 000
35
32
20.0
30.0
40.0
50.0
60.0
1,000
10,000
100,000
f [Hz]
VO1
VO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com