Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD14 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STOD14
Description  700 mA dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD14 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STOD14 Datasheet HTML 10Page - STMicroelectronics STOD14 Datasheet HTML 11Page - STMicroelectronics STOD14 Datasheet HTML 12Page - STMicroelectronics STOD14 Datasheet HTML 13Page - STMicroelectronics STOD14 Datasheet HTML 14Page - STMicroelectronics STOD14 Datasheet HTML 15Page - STMicroelectronics STOD14 Datasheet HTML 16Page - STMicroelectronics STOD14 Datasheet HTML 17Page - STMicroelectronics STOD14 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Detailed description
STOD14
14/22
Doc ID 023562 Rev 1
under regulation about 10 ms after the Enable pin is asserted high. The short-circuit
protection is designed to prevent overload, performing a dynamic current limitation on both
output pins. At light load condition (up to 150 mA), the load can be connected during the
startup phase. At medium/high load condition (above 150 mA), the proper sequence needs
the startup phase to be entirely completed before connecting a load.
7.5
Fast discharge
When the device goes into shutdown mode and LX1 and LX2 stop switching, the discharge
switch between VO1 and VIN and the switch between VO2 and GND turn on and discharge
the positive and the negative output voltages. After output voltages are discharged to zero,
the switches turn off and the outputs stay in high impedance state.
7.6
Undervoltage lockout
The undervoltage lockout function avoids improper operation of the device when the input
voltage is not high enough. When the input voltage is below the UVLO threshold, the device
is in shutdown mode. The hysteresis avoids unstable operation at input voltage levels close
to the UVLO threshold.
7.7
Overtemperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the
temperature exceeds the specified value (see Table 5) the device stops operating. As soon
as the temperature falls below the threshold (including hysteresis), normal operation is
restored.
7.8
Short-circuit startup detection (SSD)
During device soft-start on positive output, an internal comparator checks load condition to
detect eventual panel damage. In such case soft-start is stopped and the device is parked in
power-off. To reset the normal functionality (assuming that the anomalous load condition
was removed), it is necessary to restart the converter by an enable transient.
If no damage is detected during soft-start on the positive output, the startup procedure
follows with negative output soft-start to reach, at the end, normal outputs functionality and
voltages.
7.9
Overload protection (OLP)
Output current is internally limited. An overload condition, as a short-circuit between the two
outputs or between each output and GND, produces the device power-off. To reset normal
functionality (assuming that the short condition was removed), it is necessary to restart the
converter by an enable transient.
7.10
Short-circuit protection (SCP)
When short-circuit occurs, the device is able to detect the voltage difference between VIN
and VOUT. Overshoots are limited, decreasing the inductor current. After that, the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com