Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7611CE Datasheet(PDF) 14 Page - Exar Corporation

Part # MP7611CE
Description  Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7611CE Datasheet(HTML) 14 Page - Exar Corporation

Back Button MP7611CE Datasheet HTML 8Page - Exar Corporation MP7611CE Datasheet HTML 9Page - Exar Corporation MP7611CE Datasheet HTML 10Page - Exar Corporation MP7611CE Datasheet HTML 11Page - Exar Corporation MP7611CE Datasheet HTML 12Page - Exar Corporation MP7611CE Datasheet HTML 13Page - Exar Corporation MP7611CE Datasheet HTML 14Page - Exar Corporation MP7611CE Datasheet HTML 15Page - Exar Corporation MP7611CE Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP7611
14
Rev. 3.01
A
0.110
0.134
2.80
3.40
A1
0.010
0.014
0.25
0.35
A2
0.100
0.120
2.55
3.05
B
0.014
0.020
0.35
0.50
C
0.005
0.009
0.13
0.23
D
0.667
0.687
16.95
17.45
D1
0.547
0.555
13.90
14.10
e
0.039 BSC
1.00 BSC
L
0.026
0.37
0.65
0.95
a
0
°
7
°
0
°
7
°
44 LEAD PLASTIC QUAD FLAT PACK
(14 mm x 14 mm QFP)
Rev. 1.00
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
33
23
22
12
1
11
34
44
D
D1
D
D1
B
e
a
A2
A1
A
Seating Plane
Note: The control dimension is the millimeter column
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com