Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7611CE Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7611CE
Description  Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7611CE Datasheet(HTML) 2 Page - Exar Corporation

  MP7611CE Datasheet HTML 1Page - Exar Corporation MP7611CE Datasheet HTML 2Page - Exar Corporation MP7611CE Datasheet HTML 3Page - Exar Corporation MP7611CE Datasheet HTML 4Page - Exar Corporation MP7611CE Datasheet HTML 5Page - Exar Corporation MP7611CE Datasheet HTML 6Page - Exar Corporation MP7611CE Datasheet HTML 7Page - Exar Corporation MP7611CE Datasheet HTML 8Page - Exar Corporation MP7611CE Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP7611
2
Rev. 3.01
SIMPLIFIED BLOCK DIAGRAM
VO0
VO7
+
--
+
--
LAT0B
LAT7B
VRP
VRN
VRP
VRN
DAC0
DAC7
D
Q
XR XE
D
Q
XR XE
14
14
LAT0A
D
Q
XRXE
LAT7A
D
Q
XR XE
RB0
RB7
XE0
XE7
VEE
VEE
VCC
VCC
AGND AGND VREF DGND DVDD
VRP
+
--
VRN
VRP
14
Bus
I/O
D0 - D13
14
XE0 - XE7
RB0 - RB7
Control
Logic
A0 - A2
LD1
RD
CS
R1
R2
LD2
3
8
8
VREFN
PIN CONFIGURATIONS
33
23
22
12
1
11
34
44
Index
44-Pin PQFP (14 mm x 14 mm)
See the following
page for pin numbers
and descriptions
1
44-Pin PLCC
See the following
page for pin numbers
and descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com