Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7611CE Datasheet (PDF) - Exar Corporation

MP7611CE Datasheet PDF - Exar Corporation
Part # MP7611CE
Download  MP7611CE Download
File Size   646.45 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic

MP7611CE Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7611CE Datasheet PDF - Exar Corporation

Part # MP7611CE
Download  MP7611CE Click to download

File Size   646.45 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic

MP7611CE Datasheet (HTML) - Exar Corporation


MP7611CE Product details

GENERAL DESCRIPTION
The MP7611 provides eight independent 14-bit resolution Digital-to-Analog Converters with voltage output amplifiers and a parallel digital address and data port.
Built using an advanced linear BiCMOS, these devices offer rugged solutions that are latch-up free, and take advantage of EXAR’s patented thin-film resistor process which exhibits excellent long term stability and reliability.
A standard m-processor and TTL/CMOS compatible 14-bit input data port loads the data into the pre-selected DACS.

FEATURES
• Eight Independent Channel 14-Bit DACs with Output Amplifiers
• Low Power 320 mW (typ.)
• Parallel Digital Data and Address Port
• Double Buffered Data Interface
• Readback of DAC Latches
• Zero Volt Output Preset (Data = 10 .. 00)
• 14-Bit Resolution, 12-Bit Accuracy
• Extremely Well Matched DACs
• Extremely Low Analog Ground Current (<60μA/Channel)
• ±10 V Output Swing with ±11.4 V Supplies
• Rugged Construction -- Latch-Up Free
• Serial Version: MP7610

APPLICATIONS
• Data Acquisition Systems
• ATE
• Process Control
• Self-Diagnostic Systems
• Logic Analyzers
• Digital Storage Scopes
• PC Based Controller/DAS




Similar Part No. - MP7611CE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AP EXAR-MP7610AP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AS EXAR-MP7610AS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BP EXAR-MP7610BP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BS EXAR-MP7610BS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
More results


Similar Description - MP7611CE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7613 EXAR-MP7613 Datasheet
219Kb / 16P
Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
logo
Exar Corporation
MP7612 EXAR-MP7612 Datasheet
231Kb / 20P
Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
logo
Analog Devices
AD7841 AD-AD7841 Datasheet
167Kb / 12P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Analog Devices
AD7841BSZ AD-AD7841BSZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com