Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS11P2TLR Datasheet(PDF) 6 Page - STMicroelectronics

Part # AS11P2TLR
Description  Low voltage 1 Ω single-pole double-throw analog switch with break before make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS11P2TLR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AS11P2TLR Datasheet HTML 2Page - STMicroelectronics AS11P2TLR Datasheet HTML 3Page - STMicroelectronics AS11P2TLR Datasheet HTML 4Page - STMicroelectronics AS11P2TLR Datasheet HTML 5Page - STMicroelectronics AS11P2TLR Datasheet HTML 6Page - STMicroelectronics AS11P2TLR Datasheet HTML 7Page - STMicroelectronics AS11P2TLR Datasheet HTML 8Page - STMicroelectronics AS11P2TLR Datasheet HTML 9Page - STMicroelectronics AS11P2TLR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
AS11P2TLR
6/18
DocID026034 Rev 1
3.2
AC electrical characteristics
ICCLV
Quiescent
supply current
low voltage
driving
4.3
VSEL = 1.65 V
±17
±35
±70
A
4.3
VSEL = 1.80 V
±15
±30
±60
4.3
VSEL = 2.60 V
±5
±10
±20
1.
RON = RON(Max) - RON(Min).
2. Flatness is defined as the difference between the maximum and minimum value of ON-resistance as measured over the
specified analog signal ranges.
Table 6. DC specifications (continued)
Symbol
Parameter
VCC (V)
Test condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
Table 7. AC electrical characteristics
(CL = 35 pF, RL = 50 , tr = tf  5 ns)
Symbol
Parameter
VCC
(V)
Test
conditions
Value
Unit
TA = 25 °C
– 40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL Propagation delay
1.65 – 1.95
0.15
ns
2.3 – 2.7
0.14
3.0 – 3.3
0.13
3.6 – 5.0
0.13
tON
Turn-ON time
1.65 – 1.95
VS = 0.8 V
36
ns
2.3 – 2.7
VS = 1.5 V
31
40
45
3.0 – 3.3
24
31
40
3.6 – 5.0
21
28
32
tOFF
Turn-OFF time
1.65 – 1.95
VS = 0.8 V
29
ns
2.3 – 2.7
VS = 1.5 V
17
27
37
3.0 – 3.3
12
23
33
3.6 – 5.0
11
21
31
tD
Break-before-
make time delay
1.65 – 1.95
CL = 35 pF
RL = 50 
VS = 1.5 V
15
ns
2.3 – 2.7
10
3.0 – 3.3
8
3.6 – 5.0
6
Q
Charge injection
1.65
CL = 100 pF
VGEN = 0 V
RGEN = 0 
16
pC
2.3
22
326
5.0
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com