Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS11P2TLR Datasheet(PDF) 1 Page - STMicroelectronics

Part # AS11P2TLR
Description  Low voltage 1 Ω single-pole double-throw analog switch with break before make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS11P2TLR Datasheet(HTML) 1 Page - STMicroelectronics

  AS11P2TLR Datasheet HTML 1Page - STMicroelectronics AS11P2TLR Datasheet HTML 2Page - STMicroelectronics AS11P2TLR Datasheet HTML 3Page - STMicroelectronics AS11P2TLR Datasheet HTML 4Page - STMicroelectronics AS11P2TLR Datasheet HTML 5Page - STMicroelectronics AS11P2TLR Datasheet HTML 6Page - STMicroelectronics AS11P2TLR Datasheet HTML 7Page - STMicroelectronics AS11P2TLR Datasheet HTML 8Page - STMicroelectronics AS11P2TLR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
March 2014
DocID026034 Rev 1
1/18
AS11P2TLR
Low voltage 1 Ω single-pole double-throw analog switch with break-
before-make feature
Datasheet
- production data
Features
High speed:
–tPD = 130 ps (typ.) at VCC = 3.0 V
–tPD = 140 ps (typ.) at VCC = 2.3 V
Ultra low power dissipation:
–ICC = 0.2 A (max.) at TA = 85 °C
Low ON resistance:
–RON = 1.0 (typ.) at VCC = 4.5 V
–RON = 1.2 (typ.) at VCC = 3.0 V
–RON = 2.0 (typ.) at VCC = 1.8 V
Wide operating voltage range:
–VCC (opr.) = 1.65 to 4.5 V single supply
5 V tolerant and 1.8 V compatible threshold
ON digital control input at VCC = 1.65 to 4.5 V
Latch-up performance exceeds 200 mA per
JESD 78, Class II
ESD performance tested per JESD 22
2000 V human-body model (A114-B,
Class II)
200 V machine model (A115-A)
 1000 V charged-device model (C101)
Description
The AS11P2TLR is a high speed CMOS low
voltage single analog SPDT (single-pole double-
throw) switch or 2:1 multiplexer/demultiplexer
switch manufactured using silicon gate C²MOS
technology. Designed to operate from a 1.65 to
4.5 V supply, this device is ideal for portable
applications.
The device offers very low ON-resistance (1
) at
VCC = 4.5 V. Switch S1 is ON (connected to
common ports Dn) when the SEL input is held
high, and OFF (state of high impedance exists
between the two ports) when SEL is held low.
Switch S2 is ON (connected to common port D)
when the SEL input is held low, and OFF (state of
high impedance exists between the two ports)
when SEL is held high.
Additional key features are fast switching speed,
break-before-make delay time and ultralow power
consumption. All inputs and outputs are equipped
with protection circuits to protect against static
discharge, giving them immunity from ESD and
transient excess voltage.
DFN6L
Table 1.
Device summary
Order code
Package
Packaging
AS11P2TLR
DFN6L
(1.2 x 1 mm)
Tape and reel
www.st.com


Similar Part No. - AS11P2TLR

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
AC Servo Motors
AS110-20-040E25 MOTIONKING-AS110-20-040E25 Datasheet
166Kb / 3P
AC Servo Motors
AS110-20-050E25 MOTIONKING-AS110-20-050E25 Datasheet
166Kb / 3P
AC Servo Motors
AS110-30-020E25 MOTIONKING-AS110-30-020E25 Datasheet
166Kb / 3P
AC Servo Motors
AS110-30-040E25 MOTIONKING-AS110-30-040E25 Datasheet
166Kb / 3P
AC Servo Motors
More results

Similar Description - AS11P2TLR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3159 STMICROELECTRONICS-STG3159 Datasheet
386Kb / 18P
Low voltage 1Ω max single SPDT switch with break-before-make feature
06-Dec-2006
STG5123 STMICROELECTRONICS-STG5123 Datasheet
493Kb / 18P
Low voltage 1 Ω single SPDT switch with break-before-make feature
30-Oct-2007
STG3157 STMICROELECTRONICS-STG3157_10 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG3856QTR STMICROELECTRONICS-STG3856QTR Datasheet
344Kb / 15P
Low voltage 1.0 max dual SP3T switch with break-before-make feature
15-Mar-2010
AS21P2TLR STMICROELECTRONICS-AS21P2TLR Datasheet
436Kb / 22P
Low voltage 0.5 Ω max dual single-pole double-throw analog switch with break-before-make
07-Mar-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com