Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS11P2TLR Datasheet(PDF) 4 Page - STMicroelectronics

Part # AS11P2TLR
Description  Low voltage 1 Ω single-pole double-throw analog switch with break before make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS11P2TLR Datasheet(HTML) 4 Page - STMicroelectronics

  AS11P2TLR Datasheet HTML 1Page - STMicroelectronics AS11P2TLR Datasheet HTML 2Page - STMicroelectronics AS11P2TLR Datasheet HTML 3Page - STMicroelectronics AS11P2TLR Datasheet HTML 4Page - STMicroelectronics AS11P2TLR Datasheet HTML 5Page - STMicroelectronics AS11P2TLR Datasheet HTML 6Page - STMicroelectronics AS11P2TLR Datasheet HTML 7Page - STMicroelectronics AS11P2TLR Datasheet HTML 8Page - STMicroelectronics AS11P2TLR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical ratings
AS11P2TLR
4/18
DocID026034 Rev 1
2
Electrical ratings
Stressing the device above the rating listed in Table 4: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in Table 5: Recommended
operating conditions
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability. Refer also to the
STMicroelectronics™ SURE program and other relevant quality documents.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
–0.5 to 5.5
V
VI
DC input voltage
–0.5 to VCC +0.5
V
VIC
DC control input voltage
–0.5 to 5.5
V
VO
DC output voltage
–0.5 to VCC +0.5
V
IIKC
DC input diode current on control pin (VSEL < 0 V)
–50
mA
IIK
DC input diode current (VIN < 0 V)
±50
mA
IOK
DC output diode current
±20
mA
IO
DC output current
±200
mA
IOP
DC output current peak
(pulse at 1 ms, 10% duty cycle)
±400
mA
ICC or IGND DC VCC or ground current
±100
mA
PD
Power dissipation at TA = 70 °C(1)
1. Derate above 70 °C by 18.5 mW/°C.
1120
mW
TSTG
Storage temperature
–65 to 150
°C
TL
Lead temperature (10 s)
300
°C
Table 5. Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.65 to 4.5
V
VI
Input voltage
0 to VCC
V
VIC
Control input voltage
0 to 4.5
V
VO
Output voltage
0 to VCC
V
Top
Operating temperature
–40 to 85
°C
dt/dv
Input rise and fall time
control input
VCC = 1.65 to 2.7 V
0 to 20
ns/V
VCC = 3.0 to 4.5 V
0 to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com