Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSL02 Datasheet(PDF) 7 Page - STMicroelectronics

Part # DSL02
Description  Low capacitance TVS for high speed lines such as xDSL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL02 Datasheet(HTML) 7 Page - STMicroelectronics

  DSL02 Datasheet HTML 1Page - STMicroelectronics DSL02 Datasheet HTML 2Page - STMicroelectronics DSL02 Datasheet HTML 3Page - STMicroelectronics DSL02 Datasheet HTML 4Page - STMicroelectronics DSL02 Datasheet HTML 5Page - STMicroelectronics DSL02 Datasheet HTML 6Page - STMicroelectronics DSL02 Datasheet HTML 7Page - STMicroelectronics DSL02 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DocID024717 Rev 2
7/8
DSL02
Ordering information
8
4
Ordering information
Figure 10. Ordering information scheme
5
Revision history
Table 4. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
DSL02-005SC5
YT05
SOT23-5L
16 mg
3000
Tape and reel
DSL02-008SC5
YT08
DSL02-010SC5
YT10
DSL
0x
-
vvv SC5
DSL protection
Version
Stand-off voltage
010 = 10 V
Package
SC5 = SOT23-5L
Table 5. Document revision history
Date
Revision
Changes
30-Oct-2013
1
Initial release.
03-Feb-2015
2
Updated Features and Description. Added Figure 5.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com