Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSL02 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DSL02
Description  Low capacitance TVS for high speed lines such as xDSL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL02 Datasheet(HTML) 2 Page - STMicroelectronics

  DSL02 Datasheet HTML 1Page - STMicroelectronics DSL02 Datasheet HTML 2Page - STMicroelectronics DSL02 Datasheet HTML 3Page - STMicroelectronics DSL02 Datasheet HTML 4Page - STMicroelectronics DSL02 Datasheet HTML 5Page - STMicroelectronics DSL02 Datasheet HTML 6Page - STMicroelectronics DSL02 Datasheet HTML 7Page - STMicroelectronics DSL02 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
DSL02
2/8
DocID024717 Rev 2
1
Characteristics
Table 1. Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2, contact discharge
30
kV
Ipp
Peak pulse current
8/20 µs
30
A
Tstg
Tj
Storage temperature range
Operating junction temperature range
-55 to 150
-40 to 125
°C
°C
TL
Maximum temperature for soldering during 10 s
260
°C
Table 2. Electrical characteristics (Tamb = 25 °C)
Order code
IRM @ VRM
VBR @ IBR
VCL @ IPP
(8/20 µs)
C
ΔC
Max.
µA
V
Min.
V
mA
Max.
V
A
Typ.
pF(1)
Max.
pF(1)
Typ.
pF(2)
DSL02-005SC5
0.5
5
6
1
18
24
3
5
0.3
DSL02-008SC5
0.5
8
10
1
22
24
3
5
0.3
DSL02-010SC5
0.5
10
11
1
24
24
3
5
0.3
1. Test conditions: VR = 2 V bias, VRMS = 1 V, F = 1 MHz
2. Measured between 1 V and VRM
Figure 2. Peak pulse power dissipation versus
initial junction temperature (typical values,
8/20µs)
Figure 3. Leakage current versus junction
temperature (typical values)
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150
Ppp (W)
8/20 µs
Tj(°C)
I
R (nA)
0
1
10
100
25
50
75
100
125
VR=VRM
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com