Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSL02 Datasheet(PDF) 4 Page - STMicroelectronics

Part # DSL02
Description  Low capacitance TVS for high speed lines such as xDSL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL02 Datasheet(HTML) 4 Page - STMicroelectronics

  DSL02 Datasheet HTML 1Page - STMicroelectronics DSL02 Datasheet HTML 2Page - STMicroelectronics DSL02 Datasheet HTML 3Page - STMicroelectronics DSL02 Datasheet HTML 4Page - STMicroelectronics DSL02 Datasheet HTML 5Page - STMicroelectronics DSL02 Datasheet HTML 6Page - STMicroelectronics DSL02 Datasheet HTML 7Page - STMicroelectronics DSL02 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Package information
DSL02
4/8
DocID024717 Rev 2
2
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 6. SOT23-5L dimension definitions
Table 3. SOT23-5L dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
0.035
0.057
A1
0
0.15
0
0.006
A2
0.90
1.30
0.035
0.051
b
0.30
0.50
0.012
0.020
c
0.09
0.20
0.004
0.008
D
2.80
3.05
0.11
0.118
E
1.50
1.75
0.059
0.069
e
0.95
0.037
H
2.60
3.00
0.102
0.118
L
0.30
0.60
0.012
0.024
M
10°
10°
A2
A
L
H
c
b
E
D
e
e
A1
q



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com