Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-3F3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ECMF02-3F3
Description  Common mode filter with ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-3F3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ECMF02-3F3 Datasheet HTML 4Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 5Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 6Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 7Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 8Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 9Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 10Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 11Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DocID023283 Rev 3
11/12
ECMF02-3F3
Ordering information
5
Ordering information
6
Revision history
Table 3. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
ECMF02-3F3
KH
Flip Chip
1.2 mg
5000
Tape and reel 7”
Table 4. Document revision history
Date
Revision
Changes
19-Nov-2012
1
Initial release.
22-May-2013
2
Moved dot position in Figure 13. Moved arrow in Figure 16 to point
to pin A1 location.
19-Dec-2013
3
Corrected typographical error in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com