Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-3F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ECMF02-3F3
Description  Common mode filter with ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-3F3 Datasheet(HTML) 2 Page - STMicroelectronics

  ECMF02-3F3 Datasheet HTML 1Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 2Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 3Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 4Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 5Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 6Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 7Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 8Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
ECMF02-3F3
2/12
DocID023283 Rev 3
1
Characteristics
Figure 3. Electrical characteristics (definitions)
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
IEC 61000-4-2 (C = 150 pF, R = 330

External pins (A2, B2 and C2): level 4
Air discharge
Contact discharge
Internal pins (A1, B1): level 1
Air discharge
Contact discharge
15
8
2
2
kV
Pd
Line resistance power dissipation at 85 °C (top max)
60
mW
Tj
Operating temperature range
- 30 to + 85
°C
Tstg
Storage temperature range
- 55 to 150
°C
Table 2. Electrical characteristics (values, Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
V
IRM
VRM = 3 V per line
100
nA
RDC
DC serial resistance
3.4
4.5
Symbol
Parameter
V
Breakdown voltage
I
Leakage current @VBM
R
Serial resistance
BR
RM
DC
I
VCLVBR
VRM
IF
IRM
IPP
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com