Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-3F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ECMF02-3F3
Description  Common mode filter with ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-3F3 Datasheet(HTML) 1 Page - STMicroelectronics

  ECMF02-3F3 Datasheet HTML 1Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 2Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 3Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 4Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 5Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 6Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 7Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 8Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
December 2013
DocID023283 Rev 3
1/12
12
ECMF02-3F3
Common mode filter with ESD protection
Datasheet
production data
Features
 Very large differential bandwidth
 Very low PCB space consumption
 High ESD robustness: IEC 61000-4-2 level 4
 Withstand 1000 ESD strikes
 Lead-free Flip-Chip package
 Small footprint
 Very low profile
Complies with the following standard:
 IEC 61000-4-2 level 4:
15 kV (air discharge)
8 kV (contact discharge)
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required such as:
 Mobile phones
 Computers
 Portable navigation devices
 Digital still cameras
 Portable multimedia players
Figure 1. Pin configuration (bump side)
Figure 2. Schematic (bump side)
Description
The ECMF02-3F3 is a highly integrated common
mode filter designed to suppress EMI/RFI
common mode noise on high speed differential
serial buses.
TM: IPAD is a trademark of STMicroelectronics.
Flip Chip
6 bumps
12
A
B
C
A1
DP_int
C1
GND
B1
DM_int
A2
DP_ext
B2
DM_ext
C2
ID
ESD 15kV
ESD 15kV
ESD 15kV
ESD 2kV
ESD 2kV
www.st.com


Similar Part No. - ECMF02-3F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-3HSM6 STMICROELECTRONICS-ECMF02-3HSM6 Datasheet
667Kb / 15P
Provides -20 dB attenuation at 700 MHz in LTE bands
12-Nov-2015
More results

Similar Description - ECMF02-3F3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI4183 ONSEMI-EMI4183 Datasheet
874Kb / 10P
Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
EMI4172MTTAG ONSEMI-EMI4172MTTAG Datasheet
776Kb / 10P
Common Mode Filter with ESD Protection
October, 2012 ??Rev. 0
EMI4183MUTAG ONSEMI-EMI4183MUTAG Datasheet
875Kb / 10P
Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4182MUTAG ONSEMI-EMI4182MUTAG Datasheet
827Kb / 10P
Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4163MU ONSEMI-EMI4163MU Datasheet
880Kb / 11P
Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4172 ONSEMI-EMI4172 Datasheet
776Kb / 10P
Common Mode Filter with ESD Protection
October, 2012 ??Rev. 0
EMI2180 ONSEMI-EMI2180 Datasheet
219Kb / 7P
Common Mode Filter with ESD Protection
April, 2014 ??Rev. 2
EMI4193 ONSEMI-EMI4193_16 Datasheet
717Kb / 9P
Common Mode Filter with ESD Protection
March, 2016 ??Rev. 1
EMI4192 ONSEMI-EMI4192_13 Datasheet
761Kb / 9P
Common Mode Filter with ESD Protection
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com