Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-3HSM6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ECMF02-3HSM6
Description  Provides -20 dB attenuation at 700 MHz in LTE bands
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-3HSM6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ECMF02-3HSM6 Datasheet HTML 7Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 8Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 9Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 10Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 11Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 12Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 13Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 14Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package information
ECMF02-3HSM6
12/15
DocID024843 Rev 3
Note:
Product marking may be rotated by multiples of 90° for assembly plant differentiation. In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
Table 3. µQFN-6L package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.50
0.55
0.018
0.020
0.022
A1
0.00
0.02
0.05
0.00
0.0008
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
1.55
1.60
1.65
0.061
0.063
0.065
E
1.30
1.35
1.40
0.051
0.053
0.055
e
0.45
0.50
0.55
0.018
0.020
0.022
L
0.40
0.50
0.60
0.016
0.020
0.024
Figure 22. Footprint
Figure 23. Marking
0.20
0.50
0. 0
7
1.75
1.20
KM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com