Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-3HSM6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ECMF02-3HSM6
Description  Provides -20 dB attenuation at 700 MHz in LTE bands
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-3HSM6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ECMF02-3HSM6 Datasheet HTML 7Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 8Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 9Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 10Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 11Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 12Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 13Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 14Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
ECMF02-3HSM6
14/15
DocID024843 Rev 3
5
Ordering information
Figure 25. Ordering information scheme
6
Revision history
Table 4. Ordering information
Order code
Marking(1)
1. The marking can be rotated by multiples of 90° to differentiate assembly location
Package
Weight
Base qty
Delivery mode
ECMF02-3HSM6
KM
µQFN-6L
3.03 mg
3000
Tape and reel
ECMF 02 - 3
HS M6
Function
Common mode filter with ESD protection
Number of lines
02 = 2 filtered lines
Number of ESD protected lines
3 lines with ESD protection
Version
HS = High speed
Package
M6 = µQFN-6L
Table 5. Document revision history
Date
Revision
Changes
02-Oct-2013
1
Initial release.
25-Aug-2014
2
Added Figure 6: Differential (ZDD21) and common mode (ZCC21)
impedance versus frequency.
12-Nov-2015
3
Updated Figure 6 and reformatted to current standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com