Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM05F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF03-SIM05F3
Description  EMI filter with SWP protection for SIM interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM05F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF03-SIM05F3 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
November 2012
Doc ID 023284 Rev 1
1/9
9
EMIF03-SIM05F3
EMI filter with SWP protection for SIM interface
Datasheet
production data
Features
■ Lead-free package
■ Very low PCB space consumption
■ Very thin package: < 0.55 mm after reflow
■ High efficiency in ESD suppression
IEC6 1000-4-2 level 4
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and WLCSP packaging
Complies with the following standards:
■ IEC 61000-4-2 level 4
– ± 15 kV (air discharge)
– ± 8 kV (contact discharge)
Application
■ Mobile phones
Description
The EMIF03-SIM05F3 is a highly integrated
device designed to protect SIM interface and
SWP line against ESD transients and EMI
emission.
The device is the ideal fit for applications using
NFC.
Figure 1.
Pin configuration (bump side)
Figure 2.
Functional schematic
WLCSP package
(9 bumps)
SWP
www.st.com


Similar Part No. - EMIF03-SIM05F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM01 STMICROELECTRONICS-EMIF03-SIM01 Datasheet
164Kb / 11P
003 LINES EMI FILTER INCLUDING ESD PROTECTION
22-Feb-2001
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2 Datasheet
134Kb / 7P
3 LINES EMI FILTER INCLUDING ESD PROTECTION
13-Dec-2204
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2_08 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2 Datasheet
141Kb / 8P
3 line EMI filter including ESD protection
21-Mar-2007
More results

Similar Description - EMIF03-SIM05F3

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
logo
Texas Instruments
TPD3F303 TI1-TPD3F303 Datasheet
571Kb / 13P
EMI FILTER WITH INTEGRATED VCC CLAMP FOR SIM CARD INTERFACE
JANUARY2011
logo
ON Semiconductor
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
logo
NXP Semiconductors
NVT4557 NXP-NVT4557 Datasheet
466Kb / 28P
SIM card interface level translator with EMI filter and ESD protection
Rev.2.1-12 November 2021
logo
Diodes Incorporated
PI4ULS3V4103 DIODES-PI4ULS3V4103 Datasheet
590Kb / 2P
SIM Card Interface Level Translator with EMI Filter and ESD Protection for Mobile Applications
logo
NXP Semiconductors
NVT4558 NXP-NVT4558 Datasheet
311Kb / 23P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.0 - 7 December 2022
NVT4557 NXP-NVT4557_V01 Datasheet
456Kb / 26P
SIM card interface level translator with EMI filter and ESD protection
Rev. 2.2 - 7 September 2023
NVT4558 NXP-NVT4558_V01 Datasheet
312Kb / 22P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.1 - 6 September 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com