Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM05F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF03-SIM05F3
Description  EMI filter with SWP protection for SIM interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM05F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF03-SIM05F3 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EMIF03-SIM05F3
Characteristics
Doc ID 023284 Rev 1
3/9
Figure 4.
Attenuation measurements C1-C3,
A2-A3, B1-B3
Figure 5.
Attenuation measurements A1-C2
S21(dB)
100.0k
1.0M
10.0M
100.0M
1.0G
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
Data
Clk
Rst
F(Hz)
S21(dB)
100.0k
1.0M
10.0M
100.0M
1.0G
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
SWP
Vcc
F(Hz)
Figure 6.
Analog Xtalk measurements
Figure 7.
Digital crosstalk measurements
XTalk (dB)
100.0k
1.0M
10.0M
100.0M
1.0G
-110.00
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
Clk -SWP
Clk -Rst
Rst -Data
F(Hz)
VCLK = 3 V
tR = tF = 2 ns
Clk
Data
Figure 8.
Dynamic characteristic (SWP)
Figure 9.
Dynamic characteristic (VCC)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
5
10
15
20
25
30
35
40
Breakdown
Direct
Poly. (Breakdown)
Poly. (Direct)
IPP (A)
VCL(V)
tP = 100 ns
TJ initial = 25 °C
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
5
10
15
20
25
30
IPP (A)
Breakdown
Direct
Poly. (Breakdown)
Poly. (Direct)
VCL(V)
tP = 100 ns
TJ initial = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com