Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM05F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF03-SIM05F3
Description  EMI filter with SWP protection for SIM interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM05F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF03-SIM05F3 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM05F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
EMIF03-SIM05F3
4/9
Doc ID 023284 Rev 1
Figure 10.
ESD response to IEC 61000-4-2
(+8 kV contact discharge) CLK line
Figure 11.
ESD response to IEC 61000-4-2
(-8 kV contact discharge) CLK line
V : Peak clamping voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
CL
CL
V :clamping voltage @ 100 ns
CL
CL
1
2
3
4
20.0 V
7.3 V
6.8 V
3.4 V
1
2
4
3
5.0 V / Div
20 ns / Div
-9.3 V
-342 m V
-1.4 V
-249 m V
1
2
4
3
20 ns / Div
5.0 V / Div
V : Peak clamping voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
CL
CL
CL
CL
V :clamping voltage @ 100 ns
1
2
3
4
Figure 12.
ESD response to IEC 61000-4-2
(+8 kV contact discharge) DATA line
Figure 13.
ESD response to IEC 61000-4-2
(-8 kV contact discharge) DATA line
18.8 V
6.6 V
6.2 V
2.9 V
1
2
4
3
5.0 V / Div
20 ns / Div
V : Peak clamping voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
CL
CL
CL
CL
V :clamping voltage @ 100 ns
1
2
3
4
-9.7 V
-454 m V
-1.7 V
-193 m V
1
2
4
3
5.0 V / Div
V : Peak clamping voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
CL
CL
CL
CL
V :clamping voltage @ 100 ns
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com