Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5079 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF5079
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF5079 Datasheet HTML 17Page - NXP Semiconductors PCF5079 Datasheet HTML 18Page - NXP Semiconductors PCF5079 Datasheet HTML 19Page - NXP Semiconductors PCF5079 Datasheet HTML 20Page - NXP Semiconductors PCF5079 Datasheet HTML 21Page - NXP Semiconductors PCF5079 Datasheet HTML 22Page - NXP Semiconductors PCF5079 Datasheet HTML 23Page - NXP Semiconductors PCF5079 Datasheet HTML 24Page - NXP Semiconductors PCF5079 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2001 Nov 21
21
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
13 PACKAGE OUTLINES
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0.05
0.95
0.80
0.30
0.15
0.23
0.15
3.10
2.90
3.10
2.90
0.50
5.00
4.80
0.67
0.34
6
°
0
°
0.1
0.1
0.1
0.95
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.70
0.40
SOT552-1
99-07-29
w M
bp
D
Z
e
0.25
15
10
6
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP10: plastic thin shrink small outline package; 10 leads; body width 3 mm
SOT552-1
1.10
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com