Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5079 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF5079
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF5079 Datasheet HTML 1Page - NXP Semiconductors PCF5079 Datasheet HTML 2Page - NXP Semiconductors PCF5079 Datasheet HTML 3Page - NXP Semiconductors PCF5079 Datasheet HTML 4Page - NXP Semiconductors PCF5079 Datasheet HTML 5Page - NXP Semiconductors PCF5079 Datasheet HTML 6Page - NXP Semiconductors PCF5079 Datasheet HTML 7Page - NXP Semiconductors PCF5079 Datasheet HTML 8Page - NXP Semiconductors PCF5079 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2001 Nov 21
3
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
1
FEATURES
• Compatible with baseband interface family PCF5073x
• Two power sensor inputs
• Temperature compensation of sensor signal
• Active filter for Digital-to-Analog Converter (DAC) input
• Power Amplifier (PA) protection against mismatching
• Bias current source for detector diodes
• Generation of pre-bias level for PA at start of burst
(home position)
• Compatible with a wide range of silicon PAs
• Compatible with multislot class 12
• Dual output with internal switch
• Two different transfer functions
• Possibility to adapt dynamic transfer functions
• Very small outline package (3 × 3 mm).
2
APPLICATIONS
• Global System for Mobile communication (GSM)
• Personal Communications Network (PCN) systems.
3
GENERAL DESCRIPTION
This CMOS device integrates an amplifier for the detected
RF voltage from the sensor, an integrator and an active
filter to build a PA control loop for cellular systems with a
small number of passive components.
4
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
2.5
3.6
5.0
V
IDD(tot)
total supply current
−−
10
mA
Tamb
ambient temperature
−40
−
+85
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF5079T/C/1
TSSOP10
plastic thin shrink small outline package; 10 leads; body width 3 mm
SOT552-1
PCF5079HK/C/1
HVSON10
plastic, heatsink very thin small outline package; no leads;
10 terminals; body 3
× 3 × 0.90 mm
SOT650-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com