Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5079 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF5079
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF5079 Datasheet HTML 20Page - NXP Semiconductors PCF5079 Datasheet HTML 21Page - NXP Semiconductors PCF5079 Datasheet HTML 22Page - NXP Semiconductors PCF5079 Datasheet HTML 23Page - NXP Semiconductors PCF5079 Datasheet HTML 24Page - NXP Semiconductors PCF5079 Datasheet HTML 25Page - NXP Semiconductors PCF5079 Datasheet HTML 26Page - NXP Semiconductors PCF5079 Datasheet HTML 27Page - NXP Semiconductors PCF5079 Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
2001 Nov 21
25
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
15 SOLDERING (HVSON10)
15.1
Soldering information
Information contained within this chapter is of a preliminary
nature and may change without notice.
15.2
PCB design guidelines
These guidelines are to help the user in developing the
proper PCB design. For the surface mount process refer to
“Data Handbook IC26; Integrated Circuit Packages”
(document order number 9398 652 90011).
15.2.1
PERIMETER PAD DESIGN
Referring to Fig.20, dimensions Z and G are respectively
the outside to outside and the inside to inside pad
dimensions.
The dimensions X and Y indicate respectively the width
and the length of the pad. Note that the calculated
X dimension is the maximum value in order to avoid solder
bridging between adjacent pads.The calculated
Y dimension is the minimum value and therefore pad
design should start with this value and the pad length at
the outside be extended if more solder joint fillets are
required.
The dimension ‘Cpl’ defines the minimum distance
between the inner tip of the pad and the outer edge of the
thermal pad. It is suggested that this dimension be fixed at
0.15 mm to avoid solder bridging issues between the
thermal pad and the perimeter pads.
handbook, full pagewidth
MGW498
Cpl = 0.15
0.33
0.30
thermal via
Z =
3.46
3.27
Y =
0.69
0.55
G =
2.09
1.20
1.00
X = 0.28
0.50
TYP
2.00 REF
1.20
1.00
Fig.20 HVSON10 PCB pattern.
Dimensions in mm.
The solder mask opening dimension should be larger than the pad dimension by 125 to 150
µm.
15.2.2
THERMAL PAD AND VIA DESIGN
The size of the thermal pad should at least match the size
of the exposed die-attach paddle. However, in some
cases, the die-attach paddle size may need to be modified
to avoid solder bridging between the thermal pad and the
perimeter pads. In order to effectively transfer heat from
the top metal layer to the inner or bottom layers of the
PCB, thermal vias should be incorporated into the thermal
pad design. The number of thermal vias will depend on the
application and on the power dissipation and electrical
requirements. It is recommended to incorporate an array
of thermal vias at a pitch of 1.0 to 1.2 mm with the via
diameter between 0.3 and 0.33 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com