Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT112Q Datasheet(PDF) 2 Page - CUI INC

Part # AMT112Q
Description  patented capacitive ASIC technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT112Q Datasheet(HTML) 2 Page - CUI INC

  AMT112Q Datasheet HTML 1Page - CUI INC AMT112Q Datasheet HTML 2Page - CUI INC AMT112Q Datasheet HTML 3Page - CUI INC AMT112Q Datasheet HTML 4Page - CUI INC AMT112Q Datasheet HTML 5Page - CUI INC AMT112Q Datasheet HTML 6Page - CUI INC AMT112Q Datasheet HTML 7Page - CUI INC AMT112Q Datasheet HTML 8Page - CUI INC AMT112Q Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
cui.com
date 10/13/2015
│ page 2 of 9
CUI Inc
│ SERIES: AMT11 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
WAVEFORMS
Z
A
B
I
P
T
S S S S
Quadrature signals with index showing
counter-clockwise rotation
Figure 1
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor shaft length
9
mm
weight
weight varies by configuration
15.7
g
axial play
±0.3
mm
rotational speed (at each
resolution)
48, 96, 100, 125, 192, 200, 250, 256, 384, 400,
500, 512, 800, 1000, 1024, 2048
8000
RPM
768, 1600, 2000, 4096
4000
RPM
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature1
-40
105
°C
humidity
non-condensing
85
%
vibration
10~500 Hz, 5 minute sweep, 2 hours on each XYZ
5
G
shock
3 pulses, 6 ms, 3 on each XYZ
200
G
RoHS
2011/65/EU
Note:
1. Encoders with operating temperature of -40~125°C are available as a custom order
SERIAL INTERFACE
parameter
conditions/description
min
typ
max
units
protocol
serial UART
controller
driven by onboard Microchip PIC18F25K80. See
Microchip documentation for additional details.
data rate
8 data bits, no parity, 1 stop bit, least significant
bit first
115200
baud
Parameter
Description
Expression
Units
T
period
360/R
mechanical degrees
P
pulse width
T/2
mechanical degrees
I
index width
P/2
mechanical degrees
S
A/B state width
P/2
mechanical degrees
The following parameters are defined by the resolution selected for each
encoder, where R = resolution.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com