Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT112Q Datasheet(PDF) 3 Page - CUI INC

Part # AMT112Q
Description  patented capacitive ASIC technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT112Q Datasheet(HTML) 3 Page - CUI INC

  AMT112Q Datasheet HTML 1Page - CUI INC AMT112Q Datasheet HTML 2Page - CUI INC AMT112Q Datasheet HTML 3Page - CUI INC AMT112Q Datasheet HTML 4Page - CUI INC AMT112Q Datasheet HTML 5Page - CUI INC AMT112Q Datasheet HTML 6Page - CUI INC AMT112Q Datasheet HTML 7Page - CUI INC AMT112Q Datasheet HTML 8Page - CUI INC AMT112Q Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
cui.com
date 10/13/2015
│ page 3 of 9
CUI Inc
│ SERIES: AMT11 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
PART NUMBER KEY
For customers that prefer a specific AMT11 configuration, please reference the custom configuration key below.
AMT11XX - XXXX - XXXX - X
Quadrature
Resolution (PPR):
0048
0096
0100
0125
0192
0200
0250
0256
0384
0400
0500
0512
0768
0800
1000
1024
1600
2000
2048
4096
Sleeve Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8”)
4000 = 4 mm
4760 = 4.76 mm (3/16”)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4”)
8000 = 8 mm
SKIT = 8 sleeve kit
Orientation:
2 = Radial
3 = Axial
Base Number
AMT11-V KITS
In order to provide maximum flexibility for our customers, the AMT11 series is provided in kit form standard. This allows the user to implement the encoder
into a range of applications using one sku#, reducing engineering and inventory costs.
SLEEVES
2mm
3mm
1/8 inch
(3.175mm)
4mm
3/16 inch
(4.76mm)
5mm6mm
1/4 inch
(6.35mm)
8mm
Light Sky
Blue
Orange
Purple
Gray
YellowGreen
RedSnowBlue
BASE
WIDE
BASE
TOP
COVER
SHAFT
ADAPTER
TOOL A
TOOL C
BASE
WIDE
BASE
TOP
COVER
SHAFT
ADAPTER
TOOL A
TOOL C
Output Signals:
S = CMOS Voltage
Q = Quadrature Line Driver
AMT11XX-V
Orientation:
2 = Radial
3 = Axial
Output Signals:
S = CMOS Voltage
Q = Quadrature Line Driver
ORDERING GUIDE
Mounting Base:
S = Standard
W= Wide
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com