Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT112Q Datasheet(PDF) 8 Page - CUI INC

Part # AMT112Q
Description  patented capacitive ASIC technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT112Q Datasheet(HTML) 8 Page - CUI INC

  AMT112Q Datasheet HTML 1Page - CUI INC AMT112Q Datasheet HTML 2Page - CUI INC AMT112Q Datasheet HTML 3Page - CUI INC AMT112Q Datasheet HTML 4Page - CUI INC AMT112Q Datasheet HTML 5Page - CUI INC AMT112Q Datasheet HTML 6Page - CUI INC AMT112Q Datasheet HTML 7Page - CUI INC AMT112Q Datasheet HTML 8Page - CUI INC AMT112Q Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
cui.com
date 10/13/2015
│ page 8 of 9
CUI Inc
│ SERIES: AMT11 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
Command
Action
Use
0
This command sends an ascii ‘0’ (hex
value 0x30).
This zeros the encoder and sets the index at the current angular
position. This position is stored in non-volatile memory and will remain
present until a zero command is set again or encoder is reprogrammed
via AMT Viewpoint™.
Q
This command sends an ascii ‘Q’ (hex
value 0x51).
This command restarts the encoder as if it were power cycled.
APPLICATION NOTES
Pin
Description
Connection
TX_ENC+
This is the pin that the encoder
transmits serial data on.
Connect this pin to the receiver input of your serial/UART interface.
RX_ENC+
This is the pin that the encoder
receives serial commands on.
Connect this pin to your serial/UART interface transmitter output.
MCLRB
This pin is used to force the encoder
into reset for reprogramming via the
AMT Viewpoint™ application.
Connection of this pin is not required for the above serial commands.
45
Command: 0 (hex: 0x30, binary: 0b00001100)
Start
0123
Response: \r (hex: 0x0d, binary: 0b10110000)
Stop
Stop
7
TX_ENC+
Start
0123456
RX_ENC+
67
The AMT11 series encoder is designed to operate with a serial UART interface. This interface allows the encoder to be configured and
programmed by the AMT Viewpoint™ application. Along with programming, the AMT Viewpoint™ application uses the serial interface
for diagnostics and index alignment. Below are instructions on how to use the serial interface for position zeroing.
Serial Commands
Table 1
Serial Pins
Table 2
Serial Timing Diagram
Figure 2
The serial interface operates at 115200 baud with 8 data bits, no parity, and 1 stop bit, and 1 start bit. This is the standard UART
protocol. Data lines TX_ENC+ and RX_ENC+ are high when inactive.
SERIAL INTERFACE
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com