Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDBK9UG9553-R9-B01 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LDBK9UG9553-R9-B01
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK9UG9553-R9-B01 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LDBK9UG9553-R9-B01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Luminous Intensity Classification
PART NO. LDBK9UG9553/R9-B01
4/12
Page
Iv(mcd) at 20mA
BIN CODE
Min.
Max.
Dominant Wavelength Classification
λD(nm) at 20mA
BIN CODE
Min.
Max.
Iv(mcd) at 20mA
BIN CODE
Min.
Max.
λD(nm) at 20mA
BIN CODE
Min.
Max.
DBK
S200
320
T
320
500
U500
800
V-1
800
1000
9UG
P50
80
Q
80
125
R
125
200
S200
320
DBK
0D
465
468
0C
468
471
0B
471
474
0A
474
477
9UG
6566
568
7
568
570
8-1
570
571
8-2
571
572
9572
574
10
574
576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com