Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDBK9UG9553-R9-B01 Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LDBK9UG9553-R9-B01
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK9UG9553-R9-B01 Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LDBK9UG9553-R9-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Recommended Soldering Conditions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LDBK9UG9553/R9-B01
10/12
Page
1. Hand Solder
Basic spec is ≦ 320℃ 3 sec one time only.
1~5°C/sec
2 PB-Free Reflow Solder
3.After soldering,do not warp the circuit board.
1.Reflow soldering should not be done more than two times.
2.When soldering,do not put stress on the LEDs during heating.
Note:
120 sec.Max.
260°C MaX. 10sec.Max
1~5°C/sec
Preheat
180~200°C
6°C/sec
Above 220°C
60 sec.Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com