Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDBK9UG9553-R9-B01 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LDBK9UG9553-R9-B01
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK9UG9553-R9-B01 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDBK9UG9553-R9-B01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDBK9UG9553-R9-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Note : 1.All dimension are in millimeter tolerance is ±0.2mm unless otherwise noted.
2.Specifications are subject to change without notice.
0.85
Note : The tolerances unless mentioned is ±0.1mm,Unit=mm.
Recommended Soldering Pad Dimensions
0.8
1.6
4.9
0.65
1.6
0.85
0.8
4 +
- 1
9UG
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3.5
Package Dimensions
3.2
3
4
0.8
1.9
0.8
3 -
2.7
2
1
+ 2
DBK
0.7±0.05
0.7±0.05
0.8
Soldering Terminal
2.2
0.7±0.05
0.7±0.05
PART NO. LDBK9UG9553/R9-B01
2/12
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com